Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5366V032 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VT5366V032
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366V032 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VT5366V032 Datasheet HTML 13Page - STMicroelectronics VT5366V032 Datasheet HTML 14Page - STMicroelectronics VT5366V032 Datasheet HTML 15Page - STMicroelectronics VT5366V032 Datasheet HTML 16Page - STMicroelectronics VT5366V032 Datasheet HTML 17Page - STMicroelectronics VT5366V032 Datasheet HTML 18Page - STMicroelectronics VT5366V032 Datasheet HTML 19Page - STMicroelectronics VT5366V032 Datasheet HTML 20Page - STMicroelectronics VT5366V032 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
VT5366
Operation
17/30
5.5
Operating mode
The VT5366 itself has only two operating modes; ON - when PowerDown = 0 and OFF -
when PowerDown = 1
Overall system behavior is controlled by the external microprocessor which can switch the
VT5366 on and off with various duty cycles. Typical operation is described below.
1.
The processor enables the VT5366 by setting PowerDown (pin 23) LOW.
2.
The processor delays for Ton (typically 250µs) to allow some frames to be captured.
3.
The processor then monitors Motion Detect to see if motion has occurred. If Motion
Detect (pin 24) = 0 then no motion has been detected and the VT5366 can be put back
to sleep by setting PowerDown HIGH.
4.
The processor then waits for a time Tsleep and returns to step (1).
5.
If motion IS detected at step (3) i.e. Motion Detect = 1 then the motion vectors are read
over the I2C interface. The processor can then monitor Motion Detect again to see if
further motion has occurred.
5.6
Motion sensitivity in non RUN modes
Before going into a non-run mode write 0x40 to register 0x2F (ie. when the mouse goes into
idle mode), this will make the motion engine more sensitive to frame change at lower non-
run frame rates on low contrast surfaces.
When waking up (on motion detect) re-write the default 0x10 to register 0x2F to maintain
running motion accuracy.
5.7
Overall system performance
The overall performance of a wireless mouse system depends on many different factors
including:
–
Battery choice
–
Power supply design
–
Choice of external microprocessor
–
Design of firmware running in external processor
–
Design of external RF transmission circuitry
–
User model i.e. how much time the mouse is actually being used and surface type.
Note:
See Applications Note AN2473 for details on Optical Wireless Mouse Design using the
VT5366.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com