Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV-366-R02
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV-366-R02 Datasheet HTML 6Page - STMicroelectronics STV-366-R02 Datasheet HTML 7Page - STMicroelectronics STV-366-R02 Datasheet HTML 8Page - STMicroelectronics STV-366-R02 Datasheet HTML 9Page - STMicroelectronics STV-366-R02 Datasheet HTML 10Page - STMicroelectronics STV-366-R02 Datasheet HTML 11Page - STMicroelectronics STV-366-R02 Datasheet HTML 12Page - STMicroelectronics STV-366-R02 Datasheet HTML 13Page - STMicroelectronics STV-366-R02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Wireless reference design board
VT5366
10/30
4.1
Pin description
Note:
All other pins are NOT CONNECTED
Table 1.
VT5366 pin description
Pin No.
Pin name
Type
Description
2
VLevel
CMP
Battery voltage detection input
3
Test_Out
I/O
No Connect
5
X0
OSC
6MHz resonator
7
XI
OSC
6MHz resonator
8
DVDD1
PWR
1.8V Digital Supply
9
DGND1
PWR
Digital Ground
18
TRK_LED
I/O
Navigation LED Output
19
DVDD2
PWR
1.8V Digital Supply
20
DGND2
PWR
Digital Ground
21
SDA
I/O
I2C SDA Line
22
SCL
I/O
I2C SCL Line
23
POWERDOWN
I/O
Wake up
24
MOTION
I/O
Motion detect
31
AVDD
PWR
1.8V Analog Supply
32
AVSS
PWR
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com