Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-366-R02 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV-366-R02
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-366-R02 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV-366-R02 Datasheet HTML 20Page - STMicroelectronics STV-366-R02 Datasheet HTML 21Page - STMicroelectronics STV-366-R02 Datasheet HTML 22Page - STMicroelectronics STV-366-R02 Datasheet HTML 23Page - STMicroelectronics STV-366-R02 Datasheet HTML 24Page - STMicroelectronics STV-366-R02 Datasheet HTML 25Page - STMicroelectronics STV-366-R02 Datasheet HTML 26Page - STMicroelectronics STV-366-R02 Datasheet HTML 27Page - STMicroelectronics STV-366-R02 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Optics assembly
VT5366
24/30
7.1
Mouse assembly guidelines
1.
Attach the sensor and all other electrical components onto the PCB with the exception
of the navigation LED.
2.
Form the LED leads and insert the LED into the optical assembly.
3.
Fit the optics/aperture to the PCB using the guideposts. Take care to keep
contamination off the sensor surface. The sensor aperture should self-align to the
VT5366V032 package.
4.
Feed the navigation LED leads through their openings and solder the navigation LED
leads and trim.
5.
Fit the base plate.
6.
Fit mouse top case and feet.
Note:
For more details on the Optics (including Manufacturer details) please refer to the
STV-366-R0X User Manuals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com