Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-1YRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4857-1YRZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4857-1YRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 4
Common-Mode Input Voltage
−VS + 0.7 V to +VS − 0.7 V
Differential Input Voltage
±VS
Exposed Paddle Voltage
−VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is specified
for device soldered in circuit board for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
8-Lead SOIC
115
15
°C/W
8-Lead LFCSP
94.5
34.8
°C/W
16-Lead LFSCP
68.2
19
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the ADA4857 is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the properties of the plastic change. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the parametric
performance of the ADA4857. Exceeding a junction temperature of
175°C for an extended period can result in changes in silicon
devices, potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
die due to the ADA4857 drive at the output. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS).
PD = Quiescent Power + (Total Drive Power − Load Power)
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
–
2
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
=
RMS output voltages should be considered. If RL is referenced to
−VS, as in single-supply operation, the total drive power is VS ×
IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply.
() (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to −VS, worst case
is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads and exposed paddle from metal traces, through holes,
ground, and power planes reduce θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the SOIC and LFCSP
packages on a JEDEC standard 4-layer board. θJA
values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
–40 –30 –20 –10 0 102030405060708090 100 110 120
AMBIENT TEMPERATURE (°C)
ADA4857-1 (SOIC)
ADA4857-1 (LFCSP)
ADA4857-2 (LFCSP)
Figure 4. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com