Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-1YRZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4857-1YRZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-1YRZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4857-1YRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4857-1YRZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 15 of 20
TEST CIRCUITS
VIN
VOUT
0.1µF
0.1µF
0.1µF
10µF
+VS
–VS
49.9Ω
RL
10µF
Figure 42. Noninverting Load Configuration
VOUT
0.1µF
49.9Ω
+VS
–VS
RL
10µF
AC
Figure 43. Positive Power Supply Rejection
VIN
VOUT
0.1µF
0.1µF
0.1µF
10µF
+VS
–VS
1kΩ
1kΩ
1kΩ
1kΩ
53.6Ω
RL
10µF
Figure 44. Common-Mode Rejection
VIN
VOUT
0.1µF
0.1µF
0.1µF
10µF
+VS
–VS
RG
RF
49.9Ω
RL
CL
10µF
40Ω
RSNUB
Figure 45. Typical Capacitive Load Configuration
0.1µF
VOUT
+VS
–VS
RL
10µF
AC
49.9Ω
Figure 46. Negative Power Supply Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com