Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L040-M Datasheet(PDF) 2 Page - AMIC Technology

Part # A25L040-M
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L040-M Datasheet(HTML) 2 Page - AMIC Technology

  A25L040-M Datasheet HTML 1Page - AMIC Technology A25L040-M Datasheet HTML 2Page - AMIC Technology A25L040-M Datasheet HTML 3Page - AMIC Technology A25L040-M Datasheet HTML 4Page - AMIC Technology A25L040-M Datasheet HTML 5Page - AMIC Technology A25L040-M Datasheet HTML 6Page - AMIC Technology A25L040-M Datasheet HTML 7Page - AMIC Technology A25L040-M Datasheet HTML 8Page - AMIC Technology A25L040-M Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
A25L016 Series
16Mbit Low Voltage, Serial Flash Memory
With 100MHz Uniform 4KB Sectors
(April, 2008, Version 0.0)
1
AMIC Technology Corp.
FEATURES
Family of Serial Flash Memories
- A25L016: 16M-bit /2M-byte
Flexible Sector Architecture with 4KB sectors
- Sector Erase (4K-bytes) in 60ms (typical)
- Block Erase (64K-bytes) in 0.5s (typical)
Page Program (up to 256 Bytes) in 0.8ms (typical)
2.7 to 3.6V Single Supply Voltage
Dual input / output instructions resulting in an equivalent
clock frequency of 200MHz:
-
Dual Output Fast Read Instruction
-
Dual Input and Output Fast Read Instruction
SPI Bus Compatible Serial Interface
100MHz Clock Rate (maximum)
Deep Power-down Mode 5µA (Max)
16Mbit Flash memory
- Uniform 4-Kbyte sectors
-
Uniform 64-Kbyte blocks
Electronic Signatures
- JEDEC Standard Two-Byte Signature
A25L016: (3015h)
- RES Instruction, One-Byte, Signature, for backward
compatibility
A25L016 (14h)
Package options
- 8-pin SOP (209mil), 16-pin SOP (300mil), 8-pin DIP
(300mil)
- All Pb-free (Lead-free) products are RoHS compliant
GENERAL DESCRIPTION
The A25L016 is 16M bit Serial Flash Memory, with advanced
write protection mechanisms, accessed by a high speed
SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 32 blocks, each containing 16
sectors. Each sector is composed of 16 pages. Each page is
256 bytes wide. Thus, the whole memory can be viewed as
consisting of 8,192 pages, or 2,097,152 bytes.
The whole memory can be erased using the Chip Erase
instruction, a block at a time, using Block Erase instruction, or a
sector at a time, using the Sector Erase instruction.
Pin Configurations
SOP8 Connections
SOP16 Connections
DIP8 Connections
V
CC
C
DO
DIO
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
A25L016
A25L016
V
CC
C
DO
DIO
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
V
CC
C
DU
DO
S
HOLD
V
SS
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
A25L016
DU
DU
DU
DIO
DU
DU
DU
DU
W
Note:
DU = Do not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com