Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L040-M Datasheet (PDF) - AMIC Technology

A25L040-M Datasheet PDF - AMIC Technology
Part # A25L040-M
Download  A25L040-M Download
File Size   546.25 Kbytes
Page   41 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors

A25L040-M Datasheet (PDF)

Go To PDF Page Download Datasheet
A25L040-M Datasheet PDF - AMIC Technology

Part # A25L040-M
Download  A25L040-M Click to download

File Size   546.25 Kbytes
Page   41 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors

A25L040-M Datasheet (HTML) - AMIC Technology


A25L040-M Product details

GENERAL DESCRIPTION

The A25L016 is 16M bit Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time,using the Page Program instruction. The memory is organized as 32 blocks, each containing 16sectors. Each sector is composed of 16 pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting of 8,192 pages, or 2,097,152 bytes.  The whole memory can be erased using the Chip Erase instruction, a block at a time, using Block Erase instruction, or a

sector at a time, using the Sector Erase instruction.



FEATURES

„ Family of Serial Flash Memories

- A25L016: 16M-bit /2M-byte

„ Flexible Sector Architecture with 4KB sectors

- Sector Erase (4K-bytes) in 80ms (typical)

- Block Erase (64K-bytes) in 500ms (typical)

„ Page Program (up to 256 Bytes) in 2ms (typical) 

„ 2.7 to 3.6V Single Supply Voltage

„ Dual input / output instructions resulting in an equivalent

clock frequency of 200MHz:

- Dual Output Fast Read Instruction

- Dual Input and Output Fast Read Instruction

„ SPI Bus Compatible Serial Interface 

„ 100MHz Clock Rate (maximum)

„ 16Mbit Flash memory

- Uniform 4-Kbyte sectors

- Uniform 64-Kbyte blocks




Similar Part No. - A25L040-M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L040A AMICC-A25L040A Datasheet
653Kb / 45P
4Mbit Low Voltage, Serial Flash Memory
A25L040M-UF AMICC-A25L040M-UF Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040M-UFG AMICC-A25L040M-UFG Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040M-UFQ AMICC-A25L040M-UFQ Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L040N-UF AMICC-A25L040N-UF Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results


Similar Description - A25L040-M

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
AMIC Technology
A25L016M-F AMICC-A25L016M-F Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
16Mbit Low Voltage, Serial Flash Memory
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com