Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P5NB80
Description  N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  P5NB80 Datasheet HTML 1Page - STMicroelectronics P5NB80 Datasheet HTML 2Page - STMicroelectronics P5NB80 Datasheet HTML 3Page - STMicroelectronics P5NB80 Datasheet HTML 4Page - STMicroelectronics P5NB80 Datasheet HTML 5Page - STMicroelectronics P5NB80 Datasheet HTML 6Page - STMicroelectronics P5NB80 Datasheet HTML 7Page - STMicroelectronics P5NB80 Datasheet HTML 8Page - STMicroelectronics P5NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP5NB80
STP5NB80FP
N - CHANNEL 800V - 1.8
Ω - 5A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.8
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
January 1999
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
STP5NB80
STP5NB80F P
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at Tc =25
o C5
5(*)
A
ID
Drain Current (cont inuous) at Tc = 100
oC
3.2
3. 2(*)
A
IDM(
•)
Drain Current (pulsed)
20
20
A
Ptot
T otal Dissipation at Tc =25
oC
110
40
W
Derating F act or
0.88
0.32
W /
oC
dv/dt (1)
Peak Diode Recovery voltage slope
4
4
V/ns
VISO
I nsulation Wit hstand Voltage (DC)
2000
V
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
(*) Limited only by maximum temperature allowed
( 1)ISD
≤ 5A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST P5NB80
ST P5NB80FP
800 V
800 V
<2.2
Ω
<2.2
Ω
5A
5A
1/9


Similar Part No. - P5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P5NB100FP STMICROELECTRONICS-P5NB100FP Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
P5NB40FP STMICROELECTRONICS-P5NB40FP Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
P5NB60 STMICROELECTRONICS-P5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
More results

Similar Description - P5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP5NB100 STMICROELECTRONICS-STP5NB100 Datasheet
106Kb / 9P
N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Feb-2000
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com