Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB5NC50
Description  N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STB5NC50 Datasheet HTML 1Page - STMicroelectronics STB5NC50 Datasheet HTML 2Page - STMicroelectronics STB5NC50 Datasheet HTML 3Page - STMicroelectronics STB5NC50 Datasheet HTML 4Page - STMicroelectronics STB5NC50 Datasheet HTML 5Page - STMicroelectronics STB5NC50 Datasheet HTML 6Page - STMicroelectronics STB5NC50 Datasheet HTML 7Page - STMicroelectronics STB5NC50 Datasheet HTML 8Page - STMicroelectronics STB5NC50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
December 2002
STP5NC50 - STP5NC50FP
STB5NC50 - STB5NC50-1
N-CHANNEL 500V - 1.3
Ω - 5.5A TO-220/FP/D2PAK/I2PAK
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 1.3Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVES
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(1)ISD ≤5.5A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
TYPE
VDSS
RDS(on)
ID
STP5NC50
STP5NC50FP
STB5NC50
STB5NC50-1
500 V
500 V
500 V
500 V
<1.5
Ω
<1.5
Ω
<1.5
Ω
<1.5
Ω
5.5A
5.5A
5.5A
5.5A
Symbol
Parameter
Value
Unit
STP5NC50
STB5NC50/-1
STP5NC50FP
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
5.5
5.5(*)
A
ID
Drain Current (continuos) at TC = 100°C
3.5
3.5(*)
A
IDM ( )
Drain Current (pulsed)
22
22
A
PTOT
Total Dissipation at TC = 25°C
100
35
W
Derating Factor
0.8
0.28
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
-65 to 175
°C
°C
(*)Limited only by maximum temperature allowed
INTERNAL SCHEMATIC DIAGRAM
TO-220
TO-220FP
1
3
D2PAK
1
2
3
I2PAK


Similar Part No. - STB5NC50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB5NC50 VBSEMI-STB5NC50 Datasheet
1Mb / 10P
N-Channel 650V (D-S)Power MOSFET
STB5NC50T4 VBSEMI-STB5NC50T4 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STB5NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB6NB50 STMICROELECTRONICS-STB6NB50 Datasheet
92Kb / 9P
N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
Nov-1999
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Nov-2003
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com