Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5NC50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB5NC50
Description  N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5NC50 Datasheet(HTML) 3 Page - STMicroelectronics

  STB5NC50 Datasheet HTML 1Page - STMicroelectronics STB5NC50 Datasheet HTML 2Page - STMicroelectronics STB5NC50 Datasheet HTML 3Page - STMicroelectronics STB5NC50 Datasheet HTML 4Page - STMicroelectronics STB5NC50 Datasheet HTML 5Page - STMicroelectronics STB5NC50 Datasheet HTML 6Page - STMicroelectronics STB5NC50 Datasheet HTML 7Page - STMicroelectronics STB5NC50 Datasheet HTML 8Page - STMicroelectronics STB5NC50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STP5NC50 - STP5NC50FP - STB5NC50 - STB5NC50-1
Safe Operating Area for TO-220FP
Safe Operating Area for TO-220/D2PAK/I2PAK
ELECTRICAL CHARACTERISTICS
(CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulseduration=300µs, duty cycle1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
Rise Time
VDD =250V, ID = 2.5A
RG = 4.7Ω VGS =10V
(see test circuit, Figure 3)
14
ns
tr
15
ns
Qg
Total Gate Charge
VDD =400V, ID = 5.5A,
VGS =10V
17.5
24.5
nC
Qgs
Gate-Source Charge
3
nC
Qgd
Gate-Drain Charge
9
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 400V, ID = 5.5A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
12
ns
tf
Fall Time
14
ns
tc
Cross-over Time
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
5.5
A
ISDM (2)
Source-drain Current (pulsed)
22
A
VSD (1)
Forward On Voltage
ISD = 5.5A, VGS =0
1.6
V
trr
Reverse Recovery Time
ISD = 5.5A, di/dt = 100A/µs,
VDD =100V, Tj =150°C
(see test circuit, Figure 5)
360
ns
Qrr
Reverse Recovery Charge
1.6
µC
IRRM
Reverse Recovery Current
9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com