Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS418S3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS418S3
Description  SMD 418.0MHz SAW FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS418S3 Datasheet(HTML) 1 Page - Abracon Corporation

  AFS418S3 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.075
(1.9)
0.15±.008
(3.8±0.2)
0.059max.
(1.5)
0.071
(1.80)
Center Frequency Fc
Bandwidth
Insertion Loss @ Passband
Ripple @ Passband
Relative Attenuation
Fc-100 ~ Fc-40.8 MHz
Fc+40.8 ~ Fc+100 MHz
DC Voltage
Source Power
Operating Temperature
Storage Temperature
Terminating Impedance
0.075
(1.9)
0.15±.008
(3.8±0.2)
0.059max.
(1.5)
0.071
(1.80)
Dimensions: inch (mm)
MARKING:
- 418.00
(418.0 Frequency in MHz)
- AF ZYX
(ZY: Date code Z for month
from A to L; Y for year, I.e. 4 for 2004
X: Traceability code)
PIN NO. CONNECTIONS
2
5
All Others
Input
Output
Ground
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
SMD 418.0MHz SAW FILTER
SMD 418.0MHz SAW FILTER
SMD 418.0MHz SAW FILTER
|||||||||||||||
AFS418S3
3.8 x 3.8 x 1.5mm
Please refer to ABRACON’s
Chip Inductor Series AISC-0603 for Test Inductors
STANDARD SPECIFICATIONS:
FREQUENCY RESPONSE:
OUTLINE DRAWING:
TEST CIRCUIT:
MHz
MHz
dB
dB
dB
dB
V
dBm
°C
°C
-
-
-
-
-
55
55
418
Fc + 2.0
-
-
10
0
-10°C to +50°C
-45°C to +85°C
150Ω/0 pF
-
-
4.5
2
-
-
APPLICATION: Automotive Electronics/Remote Control
CHARACTERISTICS
UNIT
MIN.
TYP.
MAX.
Electrostatic Sensitive Device. Handle with precaution.


Similar Part No. - AFS418S3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
More results

Similar Description - AFS418S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
SMD 1575.42MHz SAW Filter
12.10.09
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MP04518 GOLLEDGE-MP04518 Datasheet
293Kb / 6P
SAW Filter 418.0MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com