Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBF22 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMBF22
Description  MULTILAYER CHIP BALANCE-EMI FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMBF22 Datasheet(HTML) 1 Page - Abracon Corporation

  AMBF22 Datasheet HTML 1Page - Abracon Corporation AMBF22 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MULTILAYER CHIP BALANCE-EMI FILTER
|||||||||||||||
AMBF22
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
2.5 x 2.0 x 1.2mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
AMBF22 Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
-55°C to + 125°C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
• Phase difference 180±10 degrees
• Amplitude difference 1 dB max
• Can simplify the complex tuning and circuit design
• Low insertion loss and high attenuation as well as small
size SMD chip design
• W-LAN
• Bluetooth
• Wireless Communications
Insertion Loss
Attenuation
≥25 (2110~2170 MHz)
≥30 (4800~5000 MHz)
≥25 (2110~2170 MHz)
≥30 (4800~5000 MHz)
≥40 (1880~1990 MHz)
≥40 (1880~1990 MHz)
Phase difference
180±5 Deg.
180±5 Deg.
2400~2500 MHz
2400~2500 MHz
V.S.W.R at Unbalance Port (in BW)
≤2.0 (2400~2500 MHz)
≤2.0 (2400~2500 MHz)
≤3.0dB (at 25℃±5℃)
≤3.0dB (at 25℃±5℃)
≤3.3dB (at -40℃~85℃)
≤3.5dB (at -40℃~85℃)
≥48 (880~960 MHz)
≥48 (880~960 MHz)
Part No.
AMBF22-2450-01
AMBF22-2450-06
Balance Port Impedance
Center Frequency
Band Width
Unbalance Port Impedance
50Ω
50Ω
100Ω(50Ω+50Ω)
36+j73 Ω
2450.0 MHz
2450.0 MHz
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
AMBF22 -
-
−
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
r
e
t
n
e
C
Please refer to the tables
above.
eg. 2450 MHz
T
Tape and
Reel
Normaling Type


Similar Part No. - AMBF22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
AMB-10 ETC-AMB-10 Datasheet
98Kb / 1P
Micro EM Brake
AMB-2.5 ETC-AMB-2.5 Datasheet
98Kb / 1P
Micro EM Brake
AMB-20 ETC-AMB-20 Datasheet
98Kb / 1P
Micro EM Brake
logo
AAEON Technology
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
More results

Similar Description - AMBF22

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DEA202450BT-7077A1 TDK-DEA202450BT-7077A1 Datasheet
96Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7100C1 TDK-DEA202450BT-7100C1 Datasheet
80Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA202450BT-7112B1 TDK-DEA202450BT-7112B1 Datasheet
82Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA203600BT-7127E3 TDK-DEA203600BT-7127E3 Datasheet
76Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA212450BT-7031A1 TDK-DEA212450BT-7031A1 Datasheet
73Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA215425BT-7075C2 TDK-DEA215425BT-7075C2 Datasheet
126Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7012D1 TDK-DEA252450BT-7012D1 Datasheet
76Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
DEA252450BT-7014D1 TDK-DEA252450BT-7014D1 Datasheet
76Kb / 6P
Multilayer Band Pass Filter (Balance Output Type)
logo
Mini-Circuits
BBFCV-492 MINI-BBFCV-492 Datasheet
398Kb / 2P
Balance Filter
REV. OR
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
Balance Filter
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com