Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBF22 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AMBF22
Description  MULTILAYER CHIP BALANCE-EMI FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMBF22 Datasheet(HTML) 2 Page - Abracon Corporation

  AMBF22 Datasheet HTML 1Page - Abracon Corporation AMBF22 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MULTILAYER CHIP BALANCE-EMI FILTER
|||||||||||||||
AMBF22
2.5 x 2.0 x 1.2mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.24.07
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
Dimensions: mm
b: 0.016±0.004 (0.4±0.1)
UBL Port
DC
BL port
BL Port
GND
Dimensions: mm
TAPE & REEL: Tape and reel 2,500pcs/reel
Dimensions of Tape
Dimensions of Reel
Taping figure and drawing direction
C
T
W
mm
A
178±2
B
60±2
C
13.0±0.5
W
10.0±1.15
T
12.0±1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com