Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6865 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6865
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6865 Datasheet HTML 1Page - MOSA ELECTRONICS MS6865 Datasheet HTML 2Page - MOSA ELECTRONICS MS6865 Datasheet HTML 3Page - MOSA ELECTRONICS MS6865 Datasheet HTML 4Page - MOSA ELECTRONICS MS6865 Datasheet HTML 5Page - MOSA ELECTRONICS MS6865 Datasheet HTML 6Page - MOSA ELECTRONICS MS6865 Datasheet HTML 7Page - MOSA ELECTRONICS MS6865 Datasheet HTML 8Page - MOSA ELECTRONICS MS6865 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 1.0
1
www.mosanalog.com
Dual 2W Power Amplifier
3 Stereo Inputs with Volume Control
FEATURES
•Operation range: 2.4V~5.5V
•3 stereo inputs
•Volume control range
Gain: 0 to 21dB, 3dB/step
Attenuation: 0 to -77.5dB, 1.25dB/step
•Output mode : Speaker( BTL)/Headphone(SE)
•BTL Output power
RL=4 , 2W at 5V, 0.8W at 3.3V, 360mW at 2.4V
RL=8 , 1.3W at 5V, 0.53W at 3.3V, 250mW at 2.4V
•SE Output power
RL=32 , 93mW at 5V, 35mW at 3.3V, 15mW at 2.4V
•Control interface : I
2C
•Excellent Power Supply Rejection Ratio(PSRR)
•Flexibility power management
•Component less
•Reduce pop noise circuit
•Housed in TSSOP20 package, enhanced thermal
PAD
APPLICATIONS
Multimedia system, Portable Digital Audio.
DESCRIPTION
The MS6865 is low distortion stereo power amplifier that has 3 stereo inputs with volume control. It can drive 2W of
continuous average power into a dual 4
bridged-tied (BTL) speaker or 2 * 90mW into stereo 32
single ended (SE)
headphone. The volume control offers wide range of gain and attenuation for stereo input. All of the functions are easy
setting that can be set by I2C interface.
The MS6865 has good features for portable equipment, including wide voltage operation 2.4V~5.5V, low power
consumption, power management, component less and small package TSSOP20, make the MS6865 ideally suitable for
use in the portable digital audio equipments.
BLOCK DIAGRAM
OUTR+
OUTR-
OUTL+
OUTL-
-1
-1
-1
-1
CAP
AV
DD
AV
SS
SCL
SDA
Supply
Power Amplifier
Supply
PV
DDR PVSSR
PV
DDL
PV
SSL
V
SS
I2C Interface
RIN2
RIN1
Attenuation
&
Mute
LIN1
LIN2
LIN3
RIN3
Attenuation
&
Mute
L-ch selector
& Gain
R-ch selector
& Gain


Similar Part No. - MS6865

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865SSGTR MOSA-MS6865SSGTR Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865SSGU MOSA-MS6865SSGU Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865TGTR MOSA-MS6865TGTR Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865TGU MOSA-MS6865TGU Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
More results

Similar Description - MS6865

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821 Datasheet
880Kb / 26P
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
MS6864 MOSA-MS6864 Datasheet
674Kb / 19P
Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com