Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3S Datasheet(PDF) 1 Page - Abracon Corporation

Part # AP3S
Description  SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AP3S Datasheet(HTML) 1 Page - Abracon Corporation

  AP3S Datasheet HTML 1Page - Abracon Corporation AP3S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
AP3S
• Performance comparable to fixed frequency oscillator
• Lowest peak-to-peak jitter
• Low supply current
• Short lead time
• Suitable for mass production
• Alternative to long lead-time XO's
Pb RoHS
Compliant
3.2 x 2.5 x 1.2mm
SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
FEATURES:
ELECTRICAL SPECIFICATIONS:
For Small
Quantities,
Delivery Time
is 1-5 days
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.24.08
Visit www.abracon.com for Terms & Conditions of Sale
Unit
MHz
MHz
MHz
°C
ppm
V
V
V
mA
pF
V
V
V
V
V
V
%
uA
nSec
nSec
psec
* Inclusive of calibration @25°C, operating temperature range, input voltage variation, load variation, aging,
shock, and vibration.
Table 1: Input Current
3.3V
2.5V
1.8V
10
8
6
15
10
8
20
15
12
22
15
-
25
-
-
Table 2: Rise and Fall Time
3.3V
2.5V
1.8V
6
8
10
5
5
6
1MHz ≤ F< 10MHz
10MHz ≤ F
166MHz ≤ F < 200MHz
Frequency
Rise / Fall Time (ns)
MHz
1MHz ≤ F< 30MHz
30MHz ≤ F< 75MHz
75MHz ≤ F< 133MHz
133MHz ≤ F < 166MHz
--
--
50
--
Symmetry
--
MHz
--
--
0.25
45
--
See Table 2
See Table 2
Frequency
Input current (mA)
(1.8V)
--
2.75
1.62
See Table 1
--
55
--
0.18
--
Output "1" level
(3.3V)
(1.8V)
1.62
(2.5V)
2.25
2.97
0.33
(2.5V)
Jitter peak-to-peak**
--
Fall Time (90%->10% Vdd)
Rise Time (10%->90% Vdd)
1.98
1.8
133
2.5
Input Current
Output "0" level
(3.3V)
15
--
--
Output Load
Output Type
CMOS
--
(2.5V)
6
6
1
-
-
Characteristics
m
u
m
i
x
a
M
l
a
c
i
p
y
T
m
u
m
i
n
i
M
1
Frequency Range
(3.3V)
0
0
2
-
-
1
60
--
--
100
--
3.63
1
3
.
3
7
9
.
2
-10
(1.8V)
Freq. stability
over operating temp.* (See Options)
-100
2.25
Operating Temp. Range (See Options)
Input Voltage (Operating Vdd)
Standby Current
--
** Jitter performance depends on programing parameter and output frequency. Please contact ABRACON for additional info.
-
-
0
0
2
o
t
0
4
pin 1 : High or Open , pin 3 : Enable
pin 1 : Low , pin 3 : Disable
10
--
Tri-state Function
(Input to pin 1)
Blank*
3.3 V
I
0°C to +50°C
J (***)
±20ppm
**Blank
1
2.5 V
E
'-20°C to +70°C
R
±25ppm
**B
PDB
T Tape and Reel
2
1.8 V
F
-30°C to +70°C
K
±30ppm
Ask for Tube Package
*3.3V : Standard
N
-30°C to +85°C
L
-40°C to +85°C
C
±50ppm
(***) Available for I, or E temp options only
Contact ABRACON for EJ or LR options (Availability is limited)
Packaging
PIN 1(Option)
Operating Temp.
Freq. Stability
AP3S -Frequency- - - -
Supply Voltage
** OE: Tri-state the output buffer
** PDB: Tri-state the output buffer & shut-off the oscillator,
<10μA when PDB enabled
OE
Blank
Bulk


Similar Part No. - AP3S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
More results

Similar Description - AP3S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASESERIES ABRACON-ASESERIES Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-50.000MHZ-ET ABRACON-ASE-50.000MHZ-ET Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
logo
Epson Company
SG-8018 EPSON-SG-8018 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101 EPSON-SG-8101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com