Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358TR Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MSV358TR
Description  Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358TR Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MSV358TR Datasheet HTML 1Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 2Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 3Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 4Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 5Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 6Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 1
2
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP
MSV358TR
MSV358
2.5k Units Tape and Reel
8-Pin SOP
MSV358U
MSV358
100 Units Tube
8-Pin SOP (lead free)
MSV358GTR
MSV358 (G)
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MSV358GU
MSV358 (G)
100 Units Tube
8-Pin MSOP
MSV358MTR
V358
3.5k Units Tape and Reel
8-Pin MSOP
MSV358MU
V358
80 Units Tube
8-Pin MSOP (lead free)
MSV358MGTR
V358 (G)
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MSV358MGU
V358 (G)
80 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-4000 to 4000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
MSOP8
210
235
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
5.5
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com