Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358TR Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MSV358TR
Description  Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358TR Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MSV358TR Datasheet HTML 1Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 2Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 3Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 4Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 5Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 6Page - MOSA ELECTRONICS MSV358TR Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 1
1
www.mosanalog.com
Rail-to-Rail Output
Low Voltage, Low Supply Current
General Purpose Dual OP Amps
FEATURES
•CMOS rail to rail output
•2.7 to 5.5V single supply operation
•Low supply current : 85uA (per channel at VDD=2.7V)
•Gain-Bandwidth Product : 1MHz
•Slew rate : 1V/
µs
•No crossover distortion
•Space saving package SOP8, MSOP8
•Cost effective
•Pin assignments is the same as the general-purpose
dual operational amplifiers
APPLICATIONS
•Active filters
•Supply current monitoring
•Battery monitoring
•Voice preamplifier
•General purpose low voltage applications
•General purpose portable devices
•Cross-reference :
LMV358
DESCRIPTION
The MSV358 is the most cost-effective solutions for
applications where low voltage operation. Each amplifier
has low supply current of 100uA. The IC designed to be
used for general purpose amplifier of general electronic
equipment for consumer appliances.
BLOCK DIAGRAM
7
6
5
8
2
3
4
1
+INB
V
DD
OutB
-INB
OutA
-INA
+INA
V
SS
-
+
+
-
PIN CONFIGURATION
Symbol
Pin
Description
OutA
1
Output A
-INA
2
Inverting input A
+INA
3
Non-inverting input A
VSS
4
Negative supply
+INB
5
Non-inverting input B
-INB
6
Inverting input B
OutB
7
Output B
VDD
8
Positive supply
7
6
5
8
2
3
4
1
MSV358
V
DD
OUTB
-INB
+INB
OUTA
-INA
+INA
V
SS


Similar Part No. - MSV358TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
MSV358GTR MOSA-MSV358GTR Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
MSV358GU MOSA-MSV358GU Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
MSV358MGTR MOSA-MSV358MGTR Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
MSV358MGU MOSA-MSV358MGU Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
More results

Similar Description - MSV358TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX9943 MAXIM-MAX9943_11 Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358_5 Datasheet
324Kb / 9P
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
logo
Maxim Integrated Produc...
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com