Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASDM1
Description  ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDM1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASDM1 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
|||||||||||||||
ASEM1, ASDM1, ASAM1
APPLICATIONS:
FEATURES:
Sizes Vary
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
TM
ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.22.07
Visit www.abracon.com for Terms & Conditions of Sale
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Computers and Peripherals
• Lower Cost Crystal Oscillator Replacement
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
PART SPECIFICATIONS:
PART
SIZE
PROJECTED RELEASE
PARAMETERS
ASEM1
3.2 x 2.5 x 0.8mm
Samples Available in
Quarter 2, 2008
Samples Available in
Quarter 3, 2008
Samples Available in
Quarter 2, 2009
2.5 x 2.0 x 0.8mm
2.0 x 1.6 x 0.7mm
ASDM1
ASAM1
For more information, please visit our website at www.abracon.com/mems.htm
2.7Vdc to 3.3Vdc • Plastic QFN Package
CMOS output up to 125MHz
1.8Vdc to 3.3Vdc • Plastic QFN Package
CMOS output up to 125MHz
1.8Vdc to 3.3Vdc • Plastic QFN Package
CMOS output up to 125MHz
Life Size
Life Size
Life Size
• Ultra Miniature Pure SiliconTM Clock Oscillator
• MEMS Technology by Discera
• Low Power Consumption <10mA
• Exceptional Stability Over Temp. at 0 - 70°C
• Available in 30kG Shock Resistance Configuration
• Low Cost-Compact QFN Plastic Packaging
• Compact Package design
• Extended Temperature Options Also Available


Similar Part No. - ASDM1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDM1-10.000MHZ-LC-T ABRACON-ASDM1-10.000MHZ-LC-T Datasheet
470Kb / 6P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
09-21-23
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
ASDM1-8.000MHZ-LC-T ABRACON-ASDM1-8.000MHZ-LC-T Datasheet
470Kb / 6P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
09-21-23
More results

Similar Description - ASDM1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASEMCHC ABRACON-ASEMCHC Datasheet
1Mb / 4P
LOW JITTER PIN CONFIGURABLE HCSL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORS
08.25.11
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com