Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEP
Description  CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEP Datasheet(HTML) 1 Page - Abracon Corporation

  ASEP Datasheet HTML 1Page - Abracon Corporation ASEP Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 X 2.5 X 1.05 mm
ABRACON P/N
| | | | | | | | | | | | | | |
ASEP SERIES
ASEP Series
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
PARAMETERS
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
Unit
MHz
°C
°C
ppm
ASEP3
VDC
ASEP5
VDC
ASEP3
mA
ASEP5
mA
ASEP3
mA
ASEP5
mA
uA
CMOS
TTL
%
%
nSec
nSec
nSec
nSec
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
ms
ns
ns
ms
ppm
Input (OE) Voltage
ASEP3
(CMOS)
ASEP5
(CMOS and TTL)
Start-Up time
Output Disable Time
-
-
-
-
Aging (First Year)
Supply Voltage
(See options)
Supply Current
Disable Current
(See options)
Output Voltage
TTL (1.4V)
Output Load
Rise Time
Fall Time
CMOS (20%Vdd<=>80%Vdd)
TTL(0.4V<=>2.4V)
5
4
-
-
0
3
-
-
-
-
--
-
-
-
-
5
.
5
0
.
5
5
.
4
.
n
i
m
V
0
.
2
-
-
-
-
4
0.7*Vdd min.
-
-
.
x
a
m
d
d
V
*
2
.
0
-
-
-
-
.
x
a
m
V
8
.
0
10
--
0.9*Vdd min.
-
-
-
-
.
x
a
m
d
d
V
*
4
.
0
--
CMOS
--
0.9*Vdd min.
-
-
-
-
--
CMOS (20%Vdd<=>80%Vdd)
TTL (0.4V<=>2.4V)
Symmetry
CMOS (1/2Vdd)
100
5
-
-
5
-
100
0
1
-
-
-
-
TTL
-20
15pF (ASEP3 and ASEP5)
4
--
4
-
-
-
-
3
6
.
3
7
9
.
2
100
--
--
--
3.3
--
15
5
2
-
-
-
-
Typical
Maximum
Operating Temp. Range * (See Options)
Characteristics
Minimum
Frequency Range
1
Freq. Stability
Over Operating Temp.* (See Options)
-100
Stand-by Current (See options)
--
125
Storage Temp. Range * (See Options)
5
2
1
-
-
5
5
-
--
70
--
0
5
0
4
-
-
-
-
Output Enable Time (OE)
-
-
-
-
Output Enable Time (ST)
--
--
5TTL max. (ASEP5 only)
4
-
-
0.1*Vdd max.
--
--
50
--
0
6
0
5
0
4
60
For Small
Quantities,
Delivery Time
is 1-5 days
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.25.08
Visit www.abracon.com for Terms & Conditions of Sale
• Precision clock frequency for a wide range of
emerging technology applications.
• Wide frequency range from 1MHz up to 125MHz
• Miniature size for high density applications
• -40 + 85C industrial operating temperature available
3
3.3V±10%
D
-10°C to +60°C
Blank
5
5.0V±10%
F
-30°C to +70°C
T
N
-30°C to +85°C
L
-40°C to +85°C
Blank
C
± 50 ppm
B
Please contact ABRACON for tighter stability
Stand-By
Frequency
XX.XXXXMHz
Temp. Range
OE or Stand-By
ASEP -Frequency- - - -
g
n
i
g
a
k
c
a
P
e
g
a
tl
o
V
y
l
p
p
u
S
Frequency Stability
Over Operating Temp.
Bulk
Tape and Reel
Output Enable


Similar Part No. - ASEP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
More results

Similar Description - ASEP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
AP3S ABRACON-AP3S_08 Datasheet
1Mb / 2P
SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
09.24.08
logo
Epson Company
SG-636 EPSON-SG-636 Datasheet
342Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL
SG-8018 EPSON-SG-8018 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101 EPSON-SG-8101 Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com