Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE
Description  3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE Datasheet(HTML) 1 Page - Abracon Corporation

  ASE Datasheet HTML 1Page - Abracon Corporation ASE Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 X 2.5 X 1.1mm
Freq.
(MHz)
Tr/Tf max
(nSec)
TABLE 1 - Input Current
~ 30 MHz
~ 75 MHz
~ 133 MHz
10 max.
10 max.
10 max.
Idd max.
(max. mA)
10
15
20
~ 200 MHz
10 max.
25
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Voltage
Tristate Function
Peak to Peak Jitter
RMS Jitter
Stand-By Current
10 µA max.
| | | | | | | | | | | | | | |
ASE SERIES
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• IR reflow capable
• Tight stability option
0.625 ~ 200 MHz
ASE Series
-10°C to + 70°C (See Options)
-55°C to + 100°C
± 100 ppm max. (See Options)
3.3 V ± 5%
See Table 1
45/55% @ 50%Vdd
See Table 1
28ps (Typical) *
* = Reference only; Contact
Abracon for Jitter values
3.6ps (Typical) *
15 pF max
VOH = 0.9* Vdd min.
VOL = 0.1* Vdd max.
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8 Vdc) : Hi Z
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
3.3Vdc CMOS COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
PARAMETERS
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.28.07
Visit www.abracon.com for Terms & Conditions of Sale
I
0°C to +50°C
J(*)
±20ppm
Blank
Bulk
D
-10°C to +60°C
R
±25ppm
E
-20°C to +70°C
K
±30ppm
F
-30°C to +70°C
H
±35ppm
N
-30°C to +85°C
B
±40ppm
L
-40°C to +85°C
C
±50ppm
y
l
n
o
E
d
n
a
,
D
,I
s
n
o
it
p
o
p
m
e
T
r
o
f
N
O
C
A
R
B
A
t
c
a
t
n
o
C
wider temperature range.
ASE - Frequency - - -
Operating Temp.
Range
Overall Frequency
Stability
Packaging
T
Tape and
Reel


Similar Part No. - ASE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
logo
Vishay Siliconix
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
ASE-1.8432MHZ-L-C-T ABRACON-ASE-1.8432MHZ-L-C-T Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
More results

Similar Description - ASE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE3 ABRACON-ASE3 Datasheet
925Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASESERIES ABRACON-ASESERIES Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-50.000MHZ-ET ABRACON-ASE-50.000MHZ-ET Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASE-24 ABRACON-ASE-24 Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com