Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEV
Description  CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEV Datasheet(HTML) 1 Page - Abracon Corporation

  ASEV Datasheet HTML 1Page - Abracon Corporation ASEV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASEV Series
| | | | | | | | | | | | | | |
STANDARD SPECIFICATIONS:
• Digital TV-tuner, Digital Video, DVD, DSC, etc.
FEATURES:
APPLICATIONS:
3.2 x 2.5 x 0.9 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
• Miniture ceremic package, Size: 3.2 x 2.5 x 0.9mm
• Low current consumption
• Wide pulling range
• CMOS output with Tri-state function
• Seam sealed package with high reliability
• IR Reflow capable
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.14.08
Visit www.abracon.com for Terms & Conditions of Sale
Please contact ABRACON if parts are intended for life dependent applications.
Pullability
TABLE 1
Vdd
Supply Current
Vc
(V)
(mA max.)
(V)
(ppm)
3.3 (STD)
13
+1.65±1.65
±100
9
+1.40±1.40
±90
1.8*
*1.8V is available in Q4 2008.
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
Blank
3.3V
I
0°C to +50°C
J(**)
±20ppm
Blank
Bulk
2
2.8V
D
-10°C to +60°C
R
±25ppm
3
1.8V*
E
-20°C to +70°C
K
±30ppm
*1.8V is available in Q4 2008.
F
-30°C to +70°C
H
±35ppm
N
-30°C to +85°C
B
±40ppm
L
-40°C to +85°C
C
±50ppm
(**)Temp options I, D, E and -10° C to + 70° C only”
ASEV - Frequency - - -
Operating Temp.
Range
Overall Frequency
Stability
Packaging
T
Tape and
Reel
Supply Voltage
ABRACON P/N
ASEV Series
Frequency range
1.5 ~ 54 MHz
Standard frequency
27MHz, 32.768MHz, 54MHz
Operating temperature
-10° C to + 70° C (see options)
Storage temperature
- 40° C to + 85° C
Overall frequency stability
± 100 ppm max. (see options)
Supply voltage (Vdd)
3.3 V ± 5% (see options)
1
e
l
b
a
T
e
e
S
t
n
e
r
r
u
c
y
l
p
p
u
S
d
d
V
2
/
1
@
%
0
6
/
0
4
y
rt
e
m
m
y
S
Rise and fall time (Tr/Tf)
6ns max. (0.1V*Vdd to 0.9*Vdd)
).
x
a
m
F
p
5
1
(
S
O
M
C
d
a
o
l
t
u
p
t
u
O
Output voltage
VOH = 0.9 *Vdd min.
VOL = 0.1 *Vdd max.
t
e
s
ff
o
z
H
k
1
@
.
x
a
m
z
H
/
c
B
d
0
3
1
-
e
s
i
o
n
e
s
a
h
P
Control voltage (Vc)
See Table 1
1
e
l
b
a
T
e
e
S
y
ti
li
b
a
ll
u
P
PARAMETERS
CMOS VOLTAGE CONTROLLED SMD CRYSTAL OSCILLATOR
2.8
3
+0.90±0.90
±80


Similar Part No. - ASEV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE ABRACON-ASE Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
Hyper-miniature Slide Switches
logo
Vishay Siliconix
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Abracon Corporation
ASE ABRACON-ASE Datasheet
488Kb / 6P
3.3V CMOS Compatible 3.2 x 2.5mm SMD Crystal Oscillator
02-18-22
More results

Similar Description - ASEV

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VC-FXO-35F KSS-VC-FXO-35F Datasheet
170Kb / 1P
Voltage Controlled SMD Crystal Oscillator
logo
Fox Electronics
F5000 FOX-F5000 Datasheet
218Kb / 1P
VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
Abracon Corporation
ACVX1222 ABRACON-ACVX1222_08 Datasheet
166Kb / 2P
TTL/CMOS VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
04.11.08
logo
ECS, Inc.
ECS-VX0-97 ECS-ECS-VX0-97 Datasheet
341Kb / 1P
SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
TEMEX
RVX2520P TEMEX-RVX2520P Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX2520R TEMEX-RVX2520R Datasheet
592Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX5032M TEMEX-RVX5032M Datasheet
610Kb / 7P
SMD Voltage Controlled Crystal Oscillator
RVX7050P TEMEX-RVX7050P Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050R TEMEX-RVX7050R Datasheet
631Kb / 8P
SMD Voltage Controlled Crystal Oscillator
RVX7050X TEMEX-RVX7050X Datasheet
523Kb / 7P
SMD Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com