Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASF1
Description  5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASF1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASF1_08 Datasheet HTML 1Page - Abracon Corporation ASF1_08 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASF1
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Wireless communication
FEATURES:
5.0 x 3.2 x 1.1 mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ASF1
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
Frequency:
321 kHz to 125 MHz
Operating temperature:
-10°C to +70°C (see option)
Storage temperature:
- 55°C to + 125°C
Overall Frequency Stability:
±100 ppm max. (see option)
Supply voltage (Vdd):
5.0 Vdc ± 10%
Current Consumption:
(Full Load)
15 mA max for 321kHz ~ 30MHz
Symmetry at 1/2 Vdd:
40/60% max. (see option)
Rise and Fall Times(Tr/Tf):
10 ns max.
Output load:
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Tri State:
Start-up-time:
10 mS max.
Aging per year:
±5 ppm @25°C
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
• Reflow capable
"1" or open: Oscillation; VIH ≥ 0.7*Vdd
"0": Output disabled (HI-Z); VIL < 0.3*Vdd
45 mA max for 30MHz ~ 80MHz
85 mA max for 80MHz ~ 125MHz
5TTL max., 50pF max
Phase Jitter RSM:
1pS max. (12k ~ 20MHz)
5.0V CERAMIC SMD LOW PROFILE
CRYSTAL CLOCK OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.4.08
Visit www.abracon.com for Terms & Conditions of Sale
Please contact ABRACON if parts are intended for life dependent applications.
D
-10°C to +60°C
J(*)
±20ppm
E
-20°C to +70°C
R
±25ppm
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
C
±50ppm
S
45/55% @ 1/2Vdd
* Temp option D and E and standard temp. only
Symmetry
Tape and Reel
1,000pcs
Packaging
T
ASF1 - Frequency -
-
-
-
y
t
i
l
i
b
a
t
S
y
c
n
e
u
q
e
r
F
l
l
a
r
e
v
O
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
O


Similar Part No. - ASF1_08

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASF1708 L-COM-ASF1708 Datasheet
50Kb / 1P
CON, SMA FEMALE CRIMP LMR195
03/24/2010
More results

Similar Description - ASF1_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM93-032M CONNOR-WINFIELD-HSM93-032M Datasheet
87Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator HSM9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com