Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLM
Description  ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLM Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLM Datasheet HTML 1Page - Abracon Corporation ASFLM Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASFLM
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.06.08
Visit www.abracon.com for Terms & Conditions of Sale
TM
ULTRA MINIATURE PLASTIC PACKAGE
• CCD Clock for VTR Camera
• Equipment Connected to PCs
• Low Profile Equipment
• Computers and Peripherals
• Lower Cost Crystal Oscillator Replacement
• Portable Electronics (MP3 Players, Games)
• Consumer Electronics such as TV’s, DVR’s, etc.
• Vibrant, Shock-Prone & Humid Environments for Industrial Equipment
• Demanding Military & Automotive Electronics
Life Size
• Ultra Miniature Pure SiliconTM Clock Oscillator
• MEMS Technology by Discera
• Low Power Consumption <10mA
• Exceptional Stability Over Temp. at 0 - 70°C
• Available in 30kG Shock Resistance Configuration
• Low Cost-Compact QFN Plastic Packaging
• Compact Package design
• Extended Temperature Options Also Available
5.0x3.2 x0.85mm
PURE SILICON CLOCK OSCILLATOR
* Please contact Abracon for Temperature Option Availability.
Please contact Abracon for order assistance
for high shock application.
** Availability depends on frequency
Frequency
ASFLM1
3.0 ± 0.3V XX.XXXX MHz
Blank
0°C to +70°C
Blank
± 100 ppm
ASFLM2
3.3 ± 0.3V
M
-20°C to +85°C
R**
± 25 ppm
ASFLM3
2.5 ± 0.2V
L*
-40°C to +85°C
K
± 30 ppm
C
V
2
.
0
±
8
.
1
4
M
L
F
S
A
± 50 ppm
Supply Voltage
Operating Temp.
Freq. Stability
Packaging
ASFLM - Frequency -
-
-
Blank
Tube
(77pcs/tube)
T
Tape and Reel
(1000pcs/reel)
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
PARAMETERS
ABRACON P/N
ASFLM Series
Frequency range
1.000 MHz - 150 MHz
Operating temperature
0°C to + 70°C (see options)
Storage temperature
-55°C to +155°C
Supply Current
(No Load)
Supply Current:
(Full Load)
Overall Frequency Stablilty
± 100 ppm max. (see options)
Supply Voltage (Vdd)
3.0 V ± 0.3 V
6.0mA max
(T=-40 to +85°C, Vdd=3.0 ± 0.3V, CL=15pF, RL=10kΩ)
(T=-40 to +85°C, Vdd=2.5 ± 0.2V, CL=15pF, RL=10kΩ)
(T=-40 to +85°C, Vdd=1.8 ± 0.2V, CL=15pF, RL=10kΩ)
9.0mA max
(T=-40 to +85°C, Vdd=3.0 ± 0.3V, CL=15pF, RL=10kΩ)
(T=-40 to +85°C, Vdd=3.0 ± 0.3V, CL=15pF, RL=10kΩ)
(T=-40 to +85°C, Vdd=2.5 ± 0.2V, CL=15pF, RL=10kΩ)
(T=-40 to +85°C, Vdd=1.8 ± 0.2V, CL=15pF, RL=10kΩ)
Symmetry
45/55 % max.@ 1/2Vdd
Rise and fall time (Tr/Tf)
5ns max. (+25°C, 15pF output load, 10/90% Vdd.)
Output load
15 pF max., 10kohms min.
Output voltage
VOH = 0.9* Vdd min.
VOL = 0.1* Vdd max.
Input voltage
VIH = 0.9* Vdd min.
VIL = 0.1* Vdd max.
Start-up time
10ms max.
Enable time
10ms max.
Disable time
100ns max.
Tr-istate function (Stand-by)
"1" or open: Oscillation
"0" : No oscillation/Hi Z
Stand-by Current
1uA max. (T= +25°C, Vdd=3.0 ± 0.3V, 2.5 ± 0.2V, 1.8 ± 0.2V)
Aging at +25°C/year
± 5ppm max.
ASFLM


Similar Part No. - ASFLM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
Programmer for PureSilicon Oscillators
05/16/11
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results

Similar Description - ASFLM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASEM1-12.000MHZ-LC-T ABRACON-ASEM1-12.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com