Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AST3
Description  STRATUM -III SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AST3 Datasheet(HTML) 1 Page - Abracon Corporation

  AST3 Datasheet HTML 1Page - Abracon Corporation AST3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
AST3
7.0 x 5.0 x 2.0mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
FEATURES:
ELECTRICAL SPECIFICATIONS:
STRATUM -III SMD VCTCXO
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.14.08
Visit www.abracon.com for Terms & Conditions of Sale
• High Precision over temperature (±0.37 ppm over
-40ºC to + 85ºC)
• Excellent long term stability (±4.60 ppm Max. over 20-Year life)
• Small Profile (7*5*2 mm)
• Low Power (< 6mA CMOS; < 3.5mA Sinewave)
• Exceptional Close-in Phase Noise (-140 dBc/Hz @ 1kHz typ;
12.80MHz carrier)
APPLICATIONS:
FEATURES:
• Wireless & Wireline communications
• Cellular Infrastructure
• Point-to-Point Radios
• Broadband Equipment
• Test & Measurement Equipment
• GPS tracking with precision hold-over accuracy
* Overall frequency stability includes: as received set-tolerance, stability over
temperature, shift through stand reflow, aging over 20-year product life, supply
voltage and output load variation.
ABRACON P/N
AST3 Series
Frequency
10.000MHz to 26.000MHz
Standard Frequencies
10, 12.8,19.2, 19.44, 25.6 MHz
Operating temperature
- 20°C to +70°C (see option)
Storage temperature
- 55°C to + 125°C
Overall Frequency Stability*
±4.6ppm over 20-years Referenced to +25ºC
Frequency Stability vs Temp range
- 20°C to +70°C
±0.28ppm
- 40°C to +85°C
±0.37ppm
Supply voltage (Vdd)
3.3Vdc ± 5% (see option)
Symmetry
45/55 % @ 50% Vdd
Output level
CMOS (see option)
Output load
15pF (CMOS, Clipped Sinewave)
Output Voltage (CMOS)
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Output Voltage (Clipped Sinewave)
0.8 Vp-p min
Tri State Function
VIH = 20%Vdd max.:Oscillation,
VIL = 80%Vdd min.: High Z
Start-up-time
2ms max.
Current consumption
6mA max. (CMOS output)
3.5mA max. (Clipped Sinewave output)
Vc port impedance
100kΩ min.
Control voltage range (Vc)
0 to Vdd (for VCTCXO)
Frequency pull range
±5.0 ppm min. (see options)
Frequency pull slope
Positive
Spurious response:
-70 dBc max.
Phase Noise (12.8MHz carrier)
@ 100 Hz offset
-120 dBc/Hz
@ 1000 Hz offset
-140 dBc/Hz
@ 10000 Hz offset
-148 dBc/Hz
PARAMETERS


Similar Part No. - AST3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AST31P1E CIT-AST31P1E Datasheet
520Kb / 6P
CIT SWITCH
AST31P1N CIT-AST31P1N Datasheet
520Kb / 6P
CIT SWITCH
AST31P2E CIT-AST31P2E Datasheet
520Kb / 6P
CIT SWITCH
AST31P2N CIT-AST31P2N Datasheet
520Kb / 6P
CIT SWITCH
AST31SE CIT-AST31SE Datasheet
520Kb / 6P
CIT SWITCH
More results

Similar Description - AST3

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
EUROQUARTZ limited
EQAX10S EUROQUARTZ-EQAX10S Datasheet
66Kb / 1P
STRATUM III OSCILLATORS
EQAX20 EUROQUARTZ-EQAX20 Datasheet
99Kb / 1P
STRATUM III OSCILLATORS
EQAX30 EUROQUARTZ-EQAX30 Datasheet
71Kb / 1P
STRATUM III OSCILLATORS
EQAXM10S EUROQUARTZ-EQAXM10S Datasheet
70Kb / 1P
STRATUM III OSCILLATORS
EQAXM20S EUROQUARTZ-EQAXM20S Datasheet
63Kb / 1P
STRATUM III OSCILLATORS
logo
Fox Electronics
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
logo
Transko Electronics, In...
TX-V TRANSKO-TX-V Datasheet
349Kb / 2P
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com