Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AST3
Description  STRATUM -III SMD VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AST3 Datasheet(HTML) 2 Page - Abracon Corporation

  AST3 Datasheet HTML 1Page - Abracon Corporation AST3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
|||||||||||||||
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.14.08
Visit www.abracon.com for Terms & Conditions of Sale
AST3
STRATUM -III SMD VCTCXO
Dimensions: inch (mm)
OUTLINE DRAWING:
PIN
1
2
3
4
5
6
7
8
9
10
GND
NC
NC
RF Output (CMOS or Clipped Sinewave)
NC
NC
Tri-state Control
Vdd
FUNCTION
Control voltage (VC); NC for a TCXO
NC
Note: Recommend using an approxi-
mately 0.01uF bypass capacitor between
PIN 5 and 10.
Dimensions: mm
TAPE & REEL:
Blank
3.3±5%
E
-20°C to +70°C
Blank
Bulk
A
5.0±5%
L
- 40°C to +85°C
Blank
CMOS
SW
Clipped Sinewave
TC
TCXO
N5
±5 ppm
N8
±8 ppm
P/N and Vdd (V)
Frequency
XX.XXXX MHz
Pulling
Packaging
Temp Range
Tape and
Reel
AST3
- Frequency -
-
-
-
T
Output
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
7.0 x 5.0 x 2.0mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com