Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASV2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASV2
Description  7.0 x 5.0 x 1.4mm HCMOS/ TTL COMPATIBE SURFACE MOUNT LOW PROFILE (1.4max) CRYSTAL CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASV2 Datasheet(HTML) 2 Page - Abracon Corporation

  ASV2 Datasheet HTML 1Page - Abracon Corporation ASV2 Datasheet HTML 2Page - Abracon Corporation ASV2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||||||
ASV2 SERIES
7.0 x 5.0 x 1.4mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 01.09.08
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Dimensions: mm
OUTLINE DRAWING:
Note: It is recommended to
use an approximately
0.01uF bypass capacitor
between PIN 2 and 4.
PIN
1
2
3
4
Vdd
FUNCTION
Tristate Enable/Disable
GND/Case
Output
ASV2
3.3±10%
I
0°C to +50°C
Blank
Bulk
ASV21
2.5±10%
D
-10°C to +60°C
T
Tape and Reel
ASV22
1.8±10%
E
-20°C to +70°C
F
-30°C to +70°C
N
-30°C to +85°C
L
-40°C to +85°C
Blank
15 pF
L1
50pF
L2
15TTL
L3
50TTL
J
± 20 ppm
R
± 25 ppm
K
± 30 ppm
H
± 35 ppm
C
± 50 ppm
S
Symmetry
ASV2
- Frequency -
-
-
- -
Operating Temp.
P/N and Vdd (V)
Freq. Stability
Packaging
XX.XXXXMHz
Frequency
Output Load
Blank
40/60%
@ 1/2Vdd
45/55%
@ 1/2Vdd
7.0 x 5.0 x 1.4mm HCMOS/ TTL COMPATIBE SURFACE MOUNT
LOW PROFILE (1.4max) CRYSTAL CLOCK OSCILLATOR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com