Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASV2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASV2
Description  7.0 x 5.0 x 1.4mm HCMOS/ TTL COMPATIBE SURFACE MOUNT LOW PROFILE (1.4max) CRYSTAL CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASV2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASV2 Datasheet HTML 1Page - Abracon Corporation ASV2 Datasheet HTML 2Page - Abracon Corporation ASV2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise time / Fall time (Tr/Tf)
Output Load
Output Voltage
Start-up Time
Tristate Function
Aging at 25°C/year
Absolute Clock Period Jitter
Disable Current
|||||||||||||||
ASV2 SERIES
• Clock signaling for μProcessors, PC Motherboards & Graphic
Cards
• High load output drive capability applications
• 1.4 mm max. in height
• HCMOS and TTL compatible, 1.8V to 3.3VDC
• Tristate Enable / Disable function
• Reflow capable
• Available optional -40
°C to 85°C extended temperature
• Seam sealed package
0.012 MHz to 133.000 MHz
ASV2 Series
-10° C to + 70° C (see options)
- 55° C to + 125° C
± 100 ppm max. (see options)
3.3 Vdc ± 10% (see options)
See Table 1
40/60 % max.@ 1/2Vdd (see options)
See Table 2
15pF (5TTL) (see options)
VOH = 0.9 * Vdd min. (90% of Vdd)
VOL = 0.4 Vdc max. (10% of Vdd)
"1" (VIH: see table 3) or open: Oscillation
"0" (VIL: see table 3): Hi Z
8ms max.
±5ppm max.
± 40ps max.
10μA max.
7.0 x 5.0 x 1.4mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
PARAMETERS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 1.09.08
Visit www.abracon.com for Terms & Conditions of Sale
3.3Vdd
2.5Vdd
1.8Vdd
5
5
N/A
55
5
77
5
20
15
15
30
20
15
30
20
20
40
30
N/A
Unit: (mA max)
TABLE 1
TABLE 2
TABLE 3
Tr times are measured between 10% & 90% of Vdd with 15pF load.
3.3Vdd
2.5Vdd
1.8Vdd
200
200
N/A
10
10
10
66
6
33
3
33
3
3
3
N/A
Vdd
VIH
VIL
1.8
1.26
0.5
2.5
1.75
0.5
3.3
2
0.5
70MHz Fo < 125MHz
125MHz Fo 133MHz
Frequency
0.012MHz Fo < 0.048MHz
0.048MHz Fo < 1.5MHz
1.5MHz Fo < 20MHz
Frequency
0.012MHz Fo < 1.0MHz
1.0MHz Fo < 20MHz
20MHz Fo < 50MHz
50MHz Fo < 70MHz
20MHz Fo < 50MHz
50MHz Fo < 70MHz
70MHz Fo < 125MHz
125MHz Fo 133MHz
7.0 x 5.0 x 1.4mm HCMOS/ TTL COMPATIBE SURFACE MOUNT
LOW PROFILE (1.4max) CRYSTAL CLOCK OSCILLATOR


Similar Part No. - ASV2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV25XXDC ABRACON-ASV25XXDC Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
ASV25XXDH ABRACON-ASV25XXDH Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
ASV25XXDJ ABRACON-ASV25XXDJ Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
ASV25XXDK ABRACON-ASV25XXDK Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
ASV25XXDR ABRACON-ASV25XXDR Datasheet
227Kb / 1P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
More results

Similar Description - ASV2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2035 MTRONPTI-M2035 Datasheet
260Kb / 2P
5.0 x 7.0 x 1.4 mm, HCMOS Compatible Surface Mount Oscillators
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
AP7S ABRACON-AP7S Datasheet
158Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Advanced Crystal Techno...
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
logo
TAITIEN ELECTRONICS CO....
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0092-OT-HCSL TAITIEN-XO-0092-OT-HCSL Datasheet
342Kb / 1P
7.0 x 5.0 mm SMD HCSL Crystal Oscillator
logo
Transko Electronics, In...
TSM53 TRANSKO-TSM53 Datasheet
416Kb / 1P
MINIATURE SMD HCMOS/TTL OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev.2: May 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com