Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA053-059-22-10 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA053-059-22-10
Description  TA053-059-22-10
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA053-059-22-10 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA053-059-22-10 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA053-059-22-10
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
5.3 – 5.9 GHz Low Noise Amplifier
FEATURES
• P
-1
dB: 10 dBm
• Noise Figure: 1 dB
• IP3: 20 dBm
• Bias Condition: 90 mA @ 12 V
• Small Signal Gain: 22 dB
DESCRIPTION
The TA053-059-22-10 is a low noise amplifier designed for applications in the 5.3 to 5.9 GHz frequency
range. This amplifier utilizes low noise devices that provide excellent noise figure. High efficiency
operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The amplifier
requires only a +12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
5.3
5.9
GHz
SSG
Small Signal Gain
22
dB
GOF
Small Signal Gain Flatness
± 0.5
± 0.75
dB
P-1 dB
Output Power at 1 dB Gain Compression
10
dBm
IP3
Third Order Intercept Point
20
dBm
NF
Noise Figure
1.0
1.1
dB
VSWR, IN
Input VSWR
1.5:1
1.7:1
-
VSWR, OUT Output VSWR
1.5:1
1.7:1
-
VDC
DC Supply Voltage (with built-in regulator)
12
Volt
IDC
Current Supply
90
110
mA
OTR
Operating Temperature Range
-30
60
°C
CASE: HG2
Note: The previous product part number of TA053-059-22-10 is TC5561G.


Similar Part No. - TA053-059-22-10

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
5.3 - 5.9 GHz 2W Amplifier
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 8W Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
More results

Similar Description - TA053-059-22-10

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0048 MOLEXKITS-76650-0048 Datasheet
37Kb / 2P
Assorted Wire Nuts, 22-14 AWG, 22-10 AWG and 22-8 AWG
logo
Molex Electronics Ltd.
0520041010 MOLEX7-0520041010 Datasheet
171Kb / 3P
1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 10 Circuits
0555600227 MOLEX7-0555600227 Datasheet
241Kb / 5P
0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 22 Circuits
0510161000 MOLEX7-0510161000 Datasheet
240Kb / 3P
1.50mm (.059") Pitch Cable Holder, Vertical, for Ribbon Cable, 10 Circuits
0987881108 MOLEX11-0987881108 Datasheet
369Kb / 3P
1.5mm (.059") Pitch NSCC, Wire-to-Wire, Rcpt Housing, Brown,10 Circuits
5031542290 MOLEX11-5031542290 Datasheet
538Kb / 6P
1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Dual Row, Vertical, 22 Circuits
5031492200 MOLEX11-5031492200 Datasheet
203Kb / 3P
1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
logo
List of Unclassifed Man...
W6880-9PG-513-W ETC2-W6880-9PG-513-W Datasheet
4Mb / 2P
Available with 9 or 10 #22 contacts
logo
Kemet Corporation
L1210R220KDWIT KEMET-L1210R220KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 22 uH, 10%
logo
TE Connectivity Ltd
34308 TEC-34308 Datasheet
71Kb / 1P
SPLICE, WIRE, CLOSED END 22-10 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com