Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA053-059-38-36 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA053-059-38-36
Description  5.3 - 5.9 GHz 4 W Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA053-059-38-36 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA053-059-38-36 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA053-059-38-36
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
5.3 – 5.9 GHz 4 W Amplifiers
FEATURES
• P
-1 dB: 36 dBm
• Noise Figure: 4.5 dB
• IP3: 44 dBm
• Bias Condition: 2400 mA @ 12 V
• Small Signal Gain: 38 dB
DESCRIPTION
The TA053-059-38-36 is a 4 W power amplifier designed for high linearity applications in the 5.3 to 5.9
GHz frequency range. This amplifier utilizes high power devices that provide excellent linearity, high gain
and wide dynamic range. High efficiency operation is achieved by using hybrid MIC designs and advanced
GaAs PHEMT devices. The amplifier requires only a +12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
5.3
5.9
GHz
SSG
Small Signal Gain
38*
dB
GOF
Small Signal Gain Flatness
± 0.5
± 0.75
dB
P-1 dB
Output Power at 1 dB Gain Compression
35.5
36
dBm
IP3
Third Order Intercept Point
44
45
dBm
NF
Noise Figure
4.5
5
dB
VSWR, IN
Input VSWR
1.5:1
1.7:1
-
VSWR, OUT Output VSWR
1.5:1
1.7:1
-
Vdc
DC Supply Voltage (with built-in regulator)
12
Volt
Idc
Current Supply
2.4
2.5
A
OTR
Operating Temperature Range
-30
60
°C
* Actual gain and current depend on configuration.
CASE: HA1
Note: The previous product part number of TA053-059-38-36 is TC5561J.


Similar Part No. - TA053-059-38-36

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
5.3 - 5.9 GHz 2W Amplifier
More results

Similar Description - TA053-059-38-36

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
5.3 - 5.9 GHz 2W Amplifier
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 8W Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
TM053-059-09-39 TRANSCOM-TM053-059-09-39 Datasheet
27Kb / 1P
5.3 - 5.9 GHz 39 dBm Power Module
TM053-059-11-36 TRANSCOM-TM053-059-11-36 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 36 dBm Power Module
TM053-059-12-33 TRANSCOM-TM053-059-12-33 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 33 dBm Power Module
TA059-069-45-32 TRANSCOM-TA059-069-45-32 Datasheet
31Kb / 1P
5.9 - 6.9 GHz 2 W Communication Amplifier
logo
Excelics Semiconductor,...
EIC5359-4 EXCELICS-EIC5359-4 Datasheet
90Kb / 1P
5.3-5.9 GHz 4-Watt Internally Matched Power FET
logo
WOLFSPEED, INC.
CMPA5259050D1 WOLFSPEED-CMPA5259050D1 Datasheet
780Kb / 20P
5.0 – 5.9 GHz* , 60 W GaN HPA
Rev. 0.0 October 2022
CMPA5259050F WOLFSPEED-CMPA5259050F Datasheet
856Kb / 11P
50 W, 4.9 – 5.9 GHz, 28 V, GaN MMIC for Radar Power Amplifiers
Rev. 2.2, November 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com