Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60NS04Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # P60NS04Z
Description  N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P60NS04Z Datasheet(HTML) 1 Page - STMicroelectronics

  P60NS04Z Datasheet HTML 1Page - STMicroelectronics P60NS04Z Datasheet HTML 2Page - STMicroelectronics P60NS04Z Datasheet HTML 3Page - STMicroelectronics P60NS04Z Datasheet HTML 4Page - STMicroelectronics P60NS04Z Datasheet HTML 5Page - STMicroelectronics P60NS04Z Datasheet HTML 6Page - STMicroelectronics P60NS04Z Datasheet HTML 7Page - STMicroelectronics P60NS04Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STP60NS04Z
N - CHANNEL CLAMPED 10m
Ω - 60A - TO-220
FULLY PROTECTED MESH OVERLAY
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.010
Ω
s
100% AVALANCHE TESTED
s
LOW CAPACITANCE AND GATE CHARGE
s
175
oC MAXIMUM JUNCTION
TEMPERATURE
DESCRIPTION
This fully clamped Mosfet is produced by using
the latest advanced Company’s Mesh Overlay
process which is based on a novel strip layout.
The inherent benefits of the new technology
coupled with the extra clamping capabilities make
this product particularly suitable for the harshest
operation conditions such as those encountered
in
the
automotive environment.
Any
other
application requiring extra ruggedness is also
recommended.
APPLICATIONS
s
ABS, SOLENOID DRIVERS
s
MOTOR CONTROL
s
DC-DC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
December 1999
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS = 0)
CLAMPED
V
VDG
Drain- gate Voltage
CLAMPED
V
VGS
G ate-source Volt age
CLAMPED
V
ID
Drain Current (continuous) at Tc =25
oC60
A
ID
Drain Current (continuous) at Tc = 100
oC42
A
IDG
Drain Gate Current (continuous)
± 50
mA
IGS
G ate Source Current (cont inuous)
± 50
mA
IDM (
•)
Drain Current (pulsed)
240
A
Ptot
T otal Dissipation at Tc =25
oC
140
W
Derating Factor
0.93
W /
o C
VESD (G-S) Gate-Source ESD (HBM - C= 100pF, R=1.5 k
Ω)2
kV
VESD(G-D) G ate-Drain ESD (HBM - C= 100pF, R=1.5 k
Ω)4
kV
VESD(D-S) Drain-Source ESD (HBM - C= 100pF, R=1.5 k
Ω)4
kV
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
-40 to 175
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤60 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STP60NS04Z
CLAMPED
<0.015
Ω
60 A
1/8


Similar Part No. - P60NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P60NS04ZB STMICROELECTRONICS-P60NS04ZB Datasheet
256Kb / 13P
N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
04-Oct-2006
More results

Similar Description - P60NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NS25Z STMICROELECTRONICS-STP22NS25Z Datasheet
449Kb / 10P
N-CHANNEL 250V - 0.13ohm - 22A TO-220/D2PAK Zener-Protected MESH OVERLAY™ MOSFET
Jan-2002
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB Datasheet
292Kb / 8P
N-CHANNEL CLAMPED 10mohm - 60A TO-220 FULLY PROTECTED MESH OVERLAY™ MOSFET
Nov-2002
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Dec-1999
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
Mar-2004
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
14-Jan-2005
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
02-Oct-2006
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB_06 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
04-Oct-2006
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
06-Jun-2006
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
May-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com