Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60NS04Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # P60NS04Z
Description  N - CHANNEL CLAMPED 10mohm - 60A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P60NS04Z Datasheet(HTML) 2 Page - STMicroelectronics

  P60NS04Z Datasheet HTML 1Page - STMicroelectronics P60NS04Z Datasheet HTML 2Page - STMicroelectronics P60NS04Z Datasheet HTML 3Page - STMicroelectronics P60NS04Z Datasheet HTML 4Page - STMicroelectronics P60NS04Z Datasheet HTML 5Page - STMicroelectronics P60NS04Z Datasheet HTML 6Page - STMicroelectronics P60NS04Z Datasheet HTML 7Page - STMicroelectronics P60NS04Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthj-case
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-case
Typ
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature F or Soldering Purpose
1.07
0.85
62.5
0.5
300
oC/W
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max,
δ <1%)
60
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =30 V)
400
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-Gate Breakdown
Voltage
ID =1 mA
VGS =0
-40 < Tj < 175
oC
33
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =16 V
Tj = 175
oC50
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 10 V
Tj =175
oC
VGS =
± 16 V
Tj =175
oC
50
150
µA
µA
VGSS
Gat e-Source
Breakdown Voltage
IG = 100
µA18
V
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS=VGS
ID =1 mA
-40 < Tj < 150
oC
1. 7
3
4. 2
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V
ID =30 A
VGS =16V
ID =30 A
11
10
15
14
m
Ω
m
Ω
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
60
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =30 A
20
30
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
2500
800
150
3400
1100
200
pF
pF
pF
STP60NS04Z
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com