Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM053-059-09-39 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TM053-059-09-39
Description  5.3 - 5.9 GHz 39 dBm Power Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TM053-059-09-39 Datasheet(HTML) 1 Page - Transcom, Inc.

  TM053-059-09-39 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TM053-059-09-39
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
5.3 – 5.9 GHz 39 dBm Power Module
FEATURES
• P
-1 dB: 39 dBm
• Small Signal Gain: 9 dB
• IP3: 47 dBm
• Bias Condition: 2400 mA @ 9 V
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
5.3
5.9
GHz
SSG
Small Signal Gain
8
9
dB
GOF
SSG Flatness
± 0.3
± 0.5
dB
P-1 dB
Output Power at 1 dB Gain Compression
38
39
dBm
IP3
Third Order Intercept Point
46
47
dBm
VSWR, IN
Input VSWR
1.5:1
1.8:1
-
VSWR, OUT
Output VSWR
1.5:1
1.8:1
-
VDC
Supply Voltage
9
Volt
Vg
Gate Voltage
-1.2
-0.8
-0.4
IDC
Current Supply
2400
2500
mA
CARRIER: S33 / Z33


Similar Part No. - TM053-059-09-39

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM053-059-11-36 TRANSCOM-TM053-059-11-36 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 36 dBm Power Module
TM053-059-12-33 TRANSCOM-TM053-059-12-33 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 33 dBm Power Module
More results

Similar Description - TM053-059-09-39

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
5.3 - 5.9 GHz 2W Amplifier
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 8W Amplifier
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
TM053-059-11-36 TRANSCOM-TM053-059-11-36 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 36 dBm Power Module
TM053-059-12-33 TRANSCOM-TM053-059-12-33 Datasheet
25Kb / 1P
5.3 - 5.9 GHz 33 dBm Power Module
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
TM059-070-10-36 TRANSCOM-TM059-070-10-36 Datasheet
25Kb / 1P
5.9 - 7.0 GHz 36 dBm Power Module
TM059-070-11-33 TRANSCOM-TM059-070-11-33 Datasheet
25Kb / 1P
5.9 - 7.0 GHz 33 dBm Power Module
logo
Excelics Semiconductor,...
EIC5359-4 EXCELICS-EIC5359-4 Datasheet
90Kb / 1P
5.3-5.9 GHz 4-Watt Internally Matched Power FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com