Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT8660C Datasheet(PDF) 22 Page - Advanced Analog Technology, Inc.

Part # AAT8660C
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT8660C Datasheet(HTML) 22 Page - Advanced Analog Technology, Inc.

Back Button AAT8660C Datasheet HTML 17Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 18Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 19Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 20Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 21Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 22Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 23Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 24Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 25Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 22 of 25
V2.0
AAT8660 Series
PACKAGE DIMENSIONS (CONT.)
VARIATION (ALL DIMENSIONS SHOWN IN MILLIMETERS)
SYMBOL
MIN
TYP
MAX
A
------
------
1.45
A1
------
------
0.15
A2
0.90
1.15
1.30
b
0.30
------
0.50
c
0.08
------
0.22
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.45
0.60
L1
0.60 REF
L2
0.25 BSC
R
0.10
------
------
R1
0.10
------
0.25
θ
ο
0
ο
4
ο
8
1
θ
ο
5
ο
10
ο
15
NOTE:
1 JEDEC OUTLINE: MO-178 AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com