Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT8660C Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT8660C
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT8660C Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT8660C Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT8660C Datasheet HTML 17Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 13 of 25
V2.0
AAT8660 Series
AAT8660J DETECTION VOLTAGE AND DELAY TIME (25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Over Charge Threshold Voltage
1
C
V
Detect Rising Edge of Supply
Voltage
4.230
4.280
4.330
V
Over Charge Release Voltage
2
C
V
Detect Falling Edge of Supply
Voltage
VC1-0.30
VC1-0.20 VC1-0.10
V
Over Discharge Threshold
Voltage
1
D
V
Detect Falling Edge of Supply
Voltage
2.201
2.281
2.361
V
Over Discharge Release Voltage
2
D
V
Detect Rising Edge of Supply
Voltage
VD1-0.08
VD1
VD1+0.08
V
Over Charge Delay Time
1
C
t
V
6
.
3
V
DD =
to 4.5V
0.700
1.000
1.300
s
Over Discharge Delay Time
1
D
t
V
6
.
3
V
DD =
to 2.2V
87.5
125.0
162.5
ms
Over Current Level 1 Detection
Voltage
1
OC
V
Detect Rising Edge of “VN” Pin
Voltage (
out
D
Response with tOC1
Delay Time)
180
200
220
mV
Over Current Level 2 Detection
Voltage
2
OC
V
Detect Rising Edge of “VN”
Pin Voltage (
out
D
Response
with tOC2 Delay Time)
400
510
600
mV
Short Circuit Detection Voltage
short
V
V
0
.
3
V
DD =
, Detect Rising Edge
of “VN” Pin Voltage (
out
D
Response with
short
t
Delay
Time)
7
.
1
V
DD −
3
.
1
V
DD −
9
.
0
V
DD −
V
Over Current Level 1 Detection
Delay Time
1
OC
t
V
0
.
3
V
DD =
5.6
8.0
10.4
ms
Over Current Level 2 Detection
Delay Time
2
OC
t
Room Temp.
⇒
Low or High Temp.
⇒
V
0
.
3
V
DD =
1.4
1.1
2.0
2.0
2.6
3.4
ms
ms
Short Circuit Detection Delay
Time
short
t
V
0
.
3
V
DD =
10
50
s
μ
Charger Detection Voltage
CHR
V
Detect Rising Edge of “
out
D
”
Pin Voltage (when VD1<VDD<
VD2)
-2.0
-1.3
-0.6
V
out
C
High Level Resistance
COH
R
V
5
.
3
V
DD =
;
V
0
.
3
C
out =
;VN=0V
1
2
10
Ω
k
out
C
Low Level Resistance
COL
R
V
5
.
4
V
DD =
;
V
5
.
0
C
out =
;VN=0V
150
602
2,380
Ω
k
out
D
High Level Resistance
DOH
R
V
5
.
3
V
DD =
;
V
0
.
3
D
out =
;VN=0V
2.5
5.0
10.0
Ω
k
out
D
Low Level Resistance
DOL
R
V
8
.
1
V
DD =
;
V
5
.
0
D
out =
;VN=1.8V
2.5
5.0
10.0
Ω
k
Internal Resistance between VN
and
DD
V
VND
R
V
8
.
1
V
DD =
; VN=0V
100
300
900
Ω
k
Internal Resistance between VN
and GND
VNG
R
V
5
.
3
V
DD =
; VN=3.5V
10
20
40
Ω
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com