Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2942AS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2942AS
Description  HIGH VOLTAGE LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2942AS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2942AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2942AS Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS2942
Monolithic
HIGH VOLTAGE LOW DROPOUT REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Adjustable from 1.23V to 42V
• Telephone Systems
• High Accuracy Output Voltage
• High Voltage Power Supply
• Extremely Low Quiescent Current
• Cordless Telephones
• Low Dropout Voltage
• Laboratory Instrumentation
• Tight Load and Line Regulation
• Radio Control Systems
• Low Temperature Coefficient
• Automotive Electronics
• Current and Thermal Protection
• Avionics
• Unregulated DC Positive Transients 60V
• Error Flag Warning of Voltage Output Dropout
• Logic Controlled Electronic Shutdown
GENERAL DESCRIPTION
The AMS2942 are micropower voltage regulators ideally suited for use with high voltage powered systems. This device
feature very low quiescent current (typ.130µA), and very low dropout voltage (typ.45mV at light loads and 380mV at
100mA). The quiescent current increases only slightly in dropout. The AMS2942 has positive transient protection up to 60V
and can survive unregulated input transient up to 20V below ground.
AMS2942 is designed with a tight initial voltage reference tolerance, excellent load and line regulation (typ. 0.05%), and a
very low output voltage temperature coefficient, making these devices useful as a low-power voltage regulator in telephone
applications, using the telephone line as a power source.
The AMS2942 is available in a special 8-pin plastic SOIC in which pin 2 and 3 are fused together with the package paddle
serving also as heat sink. An error flag output warns of a low output voltage, often due to failing voltage on input line. A
logic-compatible shutdown input is available, which enables the regulator to be switched on and off. The output voltage can be
programmed from 1.23V to 42V with an external pair of resistors.
ORDERING INFORMATION
PIN CONNECTION
PACKAGE TYPE
OPERATING
8 LEAD SOIC
TEMP. RANGE
AMS2942AS
IND
AMS2942BS
IND
8L SOIC
1
2
8
4
7
5
6
N/C
ERROR
FEEDBACK
OUTPUT
INPUT
GROUND
3
ON/OFF
GROUND
Top View


Similar Part No. - AMS2942AS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2942AS ADMOS-AMS2942AS Datasheet
68Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
More results

Similar Description - AMS2942AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2942 ADMOS-AMS2942 Datasheet
68Kb / 7P
HIGH VOLTAGE LOW DROPOUT REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com