Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2910CD Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2910CD
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2910CD Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2910CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2910
APPLICATION HINTS
The AMS2910 series of adjustable and fixed regulators are easy to
use and are protected against short circuit and thermal overloads.
Thermal protection circuitry will shut-down the regulator should
the junction temperature exceed 165
°C at the sense point.
Pin compatible with older three terminal adjustable regulators,
these devices offer the advantage of a lower dropout voltage, more
precise reference tolerance and improved reference stability with
temperature.
Stability
The circuit design used in the AMS2910 series requires the use of
an output capacitor as part of the device frequency compensation.
The addition of 150
µF aluminum electrolytic or a 22µF solid
tantalum on the output will ensure stability for all operating
conditions.
When the adjustment terminal is bypassed with a capacitor to
improve the ripple rejection, the requirement for an output
capacitor increases. The value of 22
µF tantalum or 150µF
aluminum covers all cases of bypassing the adjustment terminal.
Without bypassing the adjustment terminal smaller capacitors can
be used with equally good results.
To further improve stability and transient response of these
devices larger values of output capacitor can be used.
Protection Diodes
Unlike older regulators, the AMS2910 family does not need any
protection diodes between the adjustment pin and the output and
from the output to the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the
AMS2910 adjustment pin, therefore even with capacitors on the
adjustment pin no protection diode is needed to ensure device
safety under short-circuit conditions.
Diodes between the input and output are not usually needed.
Microsecond surge currents of 50A to 100A can be handled by the
internal diode between the input and output pins of the device. In
normal operations it is difficult to get those values of surge
currents even with the use of large output capacitances. If high
value output capacitors are used, such as 1000
µF to 5000µF and
the input pin is instantaneously shorted to ground, damage can
occur. A diode from output to input is recommended, when a
crowbar circuit at the input of the AMS2910 is used (Figure 1).
AMS2910
IN
OUT
ADJ
+
C
OUT
150
µF
V
OUT
R
1
R
2
C
ADJ
10
µF
D1
V
IN
Figure 1.
Output Voltage
The AMS2910 series develops a 1.25V reference voltage between
the output and the adjust terminal. Placing a resistor between these
two terminals causes a constant current to flow through R1 and
down through R2 to set the overall output voltage. This current is
normally the specified minimum load current of 10mA. Because
IADJ is very small and constant it represents a small error and it can
usually be ignored.
AMS2910
IN
OUT
ADJ
R1
R2
V
OUT
V
REF
V
IN
I
ADJ
50
µA
VOUT = VREF (1+ R2/R1)+IADJR2
Figure 2. Basic Adjustable Regulator
Load Regulation
True remote load sensing it is not possible to provide, because the
AMS2910 is a three terminal device. The resistance of the wire
connecting the regulator to the load will limit the load regulation.
The data sheet specification for load regulation is measured at the
bottom of the package. Negative side sensing is a true Kelvin
connection, with the bottom of the output divider returned to the
negative side of the load.
The best load regulation is obtained when the top of the resistor
divider R1 is connected directly to the case not to the load. If R1
were connected to the load, the effective resistance between the
regulator and the load would be:
RP x ( R2+R1 ) ,
RP = Parasitic Line Resistance
R1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com