Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2910CD Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2910CD
Description  1A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2910CD Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2910CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS2910CD Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2910
APPLICATION HINTS
Connected as shown , RP is not multiplied by the divider ratio
AMS2910
IN
OUT
ADJ
R
L
R1*
R2*
V
IN
R
P
PARASITIC
LINE RESISTANCE
*CONNECT R1 TO CASE
CONNECT R2 TO LOAD
Figure 3. Connections for Best Load Regulation
In the case of fixed voltage devices the top of R1 is connected
Kelvin internally, and the ground pin can be used for negative side
sensing.
Thermal Considerations
The AMS2910 series have internal power and thermal limiting
circuitry designed to protect the device under overload conditions.
However maximum junction temperature ratings of 125
°C should
not be exceeded under continuous normal load conditions.
Careful consideration must be given to all sources of thermal
resistance from junction to ambient. For the surface mount
package SOT-223 additional heat sources mounted near the device
must be considered. The heat dissipation capability of the PC
board and its copper traces is used as a heat sink for the device.
The thermal resistance from the junction to the tab for the
AMS2910 is 15
°C/W. Thermal resistance from tab to ambient can
be as low as 30
°C/W.
The total thermal resistance from junction to ambient can be as
low as 45
°C/W. This requires a reasonable sized PC board with at
least on layer of copper to spread the heat across the board and
couple it into the surrounding air.
Experiments have shown that the heat spreading copper layer does
not need to be electrically connected to the tab of the device. The
PC material can be very effective at transmitting heat between the
pad area, attached to the pad of the device, and a ground plane
layer either inside or on the opposite side of the board. Although
the actual thermal resistance of the PC material is high, the
Length/Area ratio of the thermal resistor between layers is small.
The data in Table 1, was taken using 1/16” FR-4 board with 1 oz.
copper foil, and it can be used as a rough guideline for estimating
thermal resistance.
For each application the thermal resistance will be affected by
thermal interactions with other components on the board. To
determine the actual value some experimentation will be
necessary.
The power dissipation of the AMS2910 is equal to:
PD = ( VIN - VOUT )( IOUT )
Maximum junction temperature will be equal to:
TJ = TA(MAX) + PD( Thermal Resistance(junction-to-ambient))
Maximum junction temperature must not exceed 125
°C.
Ripple Rejection
The ripple rejection values are measured with the adjustment pin
bypassed. The impedance of the adjust pin capacitor at the ripple
frequency should be less than the value of R1 (normally 100
Ω to
200
Ω) for a proper bypassing and ripple rejection approaching the
values shown. The size of the required adjust pin capacitor is a
function of the input ripple frequency. If R1=100
Ω at 120Hz the
adjust pin capacitor should be
>13µF. At 10kHz only 0.16µF is
needed.
The ripple rejection will be a function of output voltage, in
circuits without an adjust pin bypass capacitor. The output ripple
will increase directly as a ratio of the output voltage to the
reference voltage (VOUT / VREF ).
Table 1.
COPPER AREA
THERMAL RESISTANCE
TOP SIDE*
BACK SIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500 Sq. mm
2500 Sq. mm
2500 Sq. mm
45
°C/W
1000 Sq. mm
2500 Sq. mm
2500 Sq. mm
45
°C/W
225 Sq. mm
2500 Sq. mm
2500 Sq. mm
53
°C/W
100 Sq. mm
2500 Sq. mm
2500 Sq. mm
59
°C/W
1000 Sq. mm
1000 Sq. mm
1000 Sq. mm
52
°C/W
1000 Sq. mm
0
1000 Sq. mm
55
°C/W
* Tab of device attached to topside copper.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com