Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NB90
Description  N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NB90 Datasheet HTML 1Page - STMicroelectronics STP6NB90 Datasheet HTML 2Page - STMicroelectronics STP6NB90 Datasheet HTML 3Page - STMicroelectronics STP6NB90 Datasheet HTML 4Page - STMicroelectronics STP6NB90 Datasheet HTML 5Page - STMicroelectronics STP6NB90 Datasheet HTML 6Page - STMicroelectronics STP6NB90 Datasheet HTML 7Page - STMicroelectronics STP6NB90 Datasheet HTML 8Page - STMicroelectronics STP6NB90 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP6NB90
STP6NB90FP
N - CHANNEL 900V - 1.7
Ω - 5.8A - TO-220/TO-220FP
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.7
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
June 1999
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
STP6NB90
STP6NB90F P
VDS
Drain-source Voltage (VGS =0)
900
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
900
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC5.8
5.8(*)
A
ID
Drain Current (continuous) at Tc =100
oC3.6
3.6(*)
A
IDM (
•)
Drain Current (pulsed)
23
23
A
Ptot
T otal Dissipation at Tc =25
oC
135
40
W
Derating Factor
0.92
0.32
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
4.5
V/ns
VISO
I nsulat ion W ithstand Voltage (DC)
2000
V
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 6Α, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
ST P6NB90
ST P6NB90FP
900 V
900 V
<2
Ω
<2
Ω
5.8 A
5.8 A
1/9


Similar Part No. - STP6NB90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6NB90 ISC-STP6NB90 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
STP6NB90FP ISC-STP6NB90FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
Feb-1999
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP6LNC60FP STMICROELECTRONICS-STP6LNC60FP Datasheet
324Kb / 9P
N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh™ II MOSFET
Oct-2001
STW6NB90 STMICROELECTRONICS-STW6NB90 Datasheet
51Kb / 5P
N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
Feb-1999
STP5NK90Z STMICROELECTRONICS-STP5NK90Z Datasheet
342Kb / 12P
N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
06-Sep-2005
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com