Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7375IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7375IPWR Datasheet HTML 1Page - Texas Instruments THS7375IPWR Datasheet HTML 2Page - Texas Instruments THS7375IPWR Datasheet HTML 3Page - Texas Instruments THS7375IPWR Datasheet HTML 4Page - Texas Instruments THS7375IPWR Datasheet HTML 5Page - Texas Instruments THS7375IPWR Datasheet HTML 6Page - Texas Instruments THS7375IPWR Datasheet HTML 7Page - Texas Instruments THS7375IPWR Datasheet HTML 8Page - Texas Instruments THS7375IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
THS7375
1
FEATURES
DESCRIPTION
APPLICATIONS
75 W
Y'/G'Out
CVBS/Sync
CVBS
+1.8V
R
Y'/G'
R
P’ /B'
B
R
P’ /R'
R
R
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CH1OUT
CH2OUT
CH3OUT
CH4OUT
V
S+
BYPASS
NC
CH1IN
CH2IN
CH3IN
CH4IN
GND
DISABLE
NC
THS7375
ToGPIOController
orGND
75 W
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
75 W
+3Vto+5V
DaVinci
DMxxxx
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
23
• Four SDTV Video Amplifiers for CVBS,
Fabricated using the revolutionary complementary
S-Video, Y'P'BP'R 480i/576i, Y'U'V', G'B'R'
Silicon-Germanium (SiGe) BiCom3X process, the
(R'G'B'), or SCART
THS7375 is a low-power, single-supply, 3 V to 5 V
four-channel integrated video buffer. It incorporates a
• Integrated Low-Pass Filters:
sixth-order Butterworth filter (able to be bypassed)
–
Sixth-Order 9.5-MHz (–3dB) Butterworth
that is useful as a digital-to-analog converter (DAC)
–
–0.1-dB Bandwidth at 6 MHz
reconstruction filter or an analog-to-digital converter
(ADC) anti-aliasing filter. The 9.5-MHz filter is a
–
–1-dB Passband Bandwidth at 8 MHz
perfect
choice
for
SDTV
video
that
includes
–
54-dB Attenuation at 27 MHz
composite (CVBS), S-video, Y'U'V', G'B'R' (R'G'B'),
• Versatile Input Biasing
Y'P'BP'R 480i/576i, and SCART systems.
–
DC-Coupled with 320-mV Output Shift
As part of the THS7375 flexibility, the input can be
–
AC-Coupled with Sync-Tip Clamp
configured for either ac or dc-coupled inputs. The
320-mV output level shift allows for a full sync
–
AC-Coupled with Biasing Allowed
dynamic range at the output with 0-V input. The
• Built-in 5.6-V/V Gain (14.95 dB)
ac-coupled modes include a transparent sync-tip
• +3-V to +5-V Single-Supply Operation
clamp option for CVBS, Y', and G'B'R' signals with
sync. AC-coupled biasing for C'/P'B/P'R channels can
• Rail-to-Rail Output:
easily be achieved by adding an external resistor to
–
Output Swings Within 100 mV from the
VS+.
Rails to Allow AC or DC Output Coupling
The THS7375 is the perfect choice for all video buffer
–
Supports Driving Two Lines per Channel
applications. Its rail-to-rail output stage with 5.6-V/V
• Low 9.8-mA at 3.3-V Total Quiescent Current
gain allows for both ac and dc line driving. This
• Low Differential Gain/Phase of 0.2%/0.35°
architecture makes the THS7375 an ideal choice for
DaVinci™ processors. The ability to drive two lines
• Lead-Free and Green TSSOP-14 Package
per channel, or 75-
Ω loads, allows for maximum
flexibility as a video line driver. The 9.8-mA total
quiescent current at 3.3 V and 0.1-
µA disabled
• Set Top Box Output Video Buffering
current
makes
it
an
excellent
choice
for
• Portable Media Player Video Buffering
USB-powered, portable, or other power-sensitive
applications.
• Security/Surveillance Systems
• DaVinci/OMAP/DMxxx Video Buffering
The THS7375 is available in a TSSOP-14 package
that is lead-free and green (RoHS) compliant.
Figure 1. 3.3-V Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7375IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7375IPWR TI2-THS7375IPWR Datasheet
966Kb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
REVISED JANUARY 2011
THS7375IPWR.B TI2-THS7375IPWR.B Datasheet
966Kb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
REVISED JANUARY 2011
More results

Similar Description - THS7375IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI1-THS7374_16 Datasheet
1Mb / 42P
4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com