Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7375IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7375IPWR Datasheet HTML 17Page - Texas Instruments THS7375IPWR Datasheet HTML 18Page - Texas Instruments THS7375IPWR Datasheet HTML 19Page - Texas Instruments THS7375IPWR Datasheet HTML 20Page - Texas Instruments THS7375IPWR Datasheet HTML 21Page - Texas Instruments THS7375IPWR Datasheet HTML 22Page - Texas Instruments THS7375IPWR Datasheet HTML 23Page - Texas Instruments THS7375IPWR Datasheet HTML 24Page - Texas Instruments THS7375IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
INPUT MODE OF OPERATION: AC BIAS
Level
Shift
Internal
Circuitry
+3.3V
+3.3V
800kW
R
PU
Input
Pin
Input
C
0.1 F
m
IN
V
=V
DC
S
800kW
800k
+R
W
PU
(1)
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
discharge current. If more hum rejection is desired or
voltage range and the internal gain. As such, the
there is a loss of sync occurring, simply decrease the
input dc bias point is very flexible; the output dc bias
0.1-
µF input coupling capacitor. A decrease from 0.1
point is the primary factor. For example, if the output
µF to 0.047 µF increases the hum rejection by a
dc bias point is desired to be 1.6 V on a 3.3-V supply,
factor of 2:1. Alternatively, an external pull-down
then the input dc bias point is recommended to be
resistor to ground may be added that decreases the
(1.6 V – 320 mV)/5.6 = 0.228 V. Thus, the pull-up
overall
resistance
and
ultimately
increases
the
resistor calculates to approximately 10.8 M
Ω. If the
discharge current.
output dc-bias point is desired to be 1.6 V with a 5-V
power supply, then the value calculates to be
To ensure proper stability of the ac STC control loop,
approximately 16.7 M
Ω.
the source impedance must be less than 1 k
Ω with
the input capacitor in place. Otherwise, there is a
Keep in mind that the internal 800-k
Ω resistor has a
possibility for the control loop to ring; this ringing may
±20% variance. As such, the calculations should take
appear on the THS7375 output. Because most DACs
this variance into account. For the 0.228-V input bias
or encoders use resistors to establish the voltage,
voltage example above using an ideal 10.8-M
Ω
which are typically less than 500
Ω, meeting the less
resistor, the input dc bias voltage is about 0.228 V
than 1-k
Ω requirement is easily done. However, if the
(±0.045 V) which translates to an output bias voltage
source impedance looking from the THS7375 input
of about 1.6 V (±0.25 V).
perspective is very high, simply adding a 1-k
Ω
If desired, an external resistor can be placed in
resistor to GND ensures proper operation of the
parallel
with
the
internal
800-k
Ω resistor.
This
THS7375.
external resistor may be required if the pull-up
resistor calculates to a value higher than desired.
There are no consequences of this configuration
other than decreasing the effective input impedance
Sync-tip clamps are ideal for signals that have
of the THS7375 system.
horizontal and/or vertical syncs associated with them.
However, some video signals do not have a sync
The value of the output bias voltage is very flexible
embedded within the signal. If ac-coupling of these
and is left to each individual design. It is important to
signals is desired, then a dc bias is required to
ensure that the signal does not clip or saturate the
properly set the dc operating point within the
video signal. Thus, it is recommended to ensure the
THS7375. This function is easily accomplished with
output bias voltage is between 0.9 V and (VS+ – 1 V).
the THS7375 by simply adding an external pull-up
For 100% color saturated CVBS or signals with
resistor to the positive power supply, as shown in
Macrovision, the CVBS signal can reach up to 1.23
Figure 49.
VPP at the input, or 2.46 VPP at the output of the
THS7375. In contrast, other signals are typically 1
VPP or 0.7 VPP at the input which translate to an
output voltage of 2 VPP or 1.4 VPP, respectively. The
output bias voltage must account for a worst-case
situation depending on the signals involved.
One other issue that must be taken into account is
the dc-bias point as a function of the power supply.
As such, there is an impact on the system PSRR. To
help reduce this impact, the input capacitor combines
with the pull-up resistance to function as a low-pass
filter. Additionally, the time to charge the capacitor to
the final dc bias point is also a function of the pull-up
resistor and the input capacitor. Lastly, the input
Figure 49. AC-Bias Input Mode Circuit
capacitor forms a high-pass filter with the parallel
Configuration
impedance of the pull-up resistor and the 800-k
Ω
resistor. In general, it is good to have this high-pass
filter at approximately 3-Hz to minimize any potential
The dc voltage that appears at the input pin is equal
droop on a P’B, P’R, or non-sync B’ or R’ signal. A
to Equation 1:
0.1-
µF input capacitor with a 10.8-MΩ pull-up resistor
equates to a 2.1-Hz high-pass corner frequency.
The THS7375 allowable input range is approximately
(VS+ – 1.5 V), which allows for a very wide input
voltage range but is limited by the allowable output
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com