Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4012ASH Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4012ASH
Description  Wide Input 1.5A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4012ASH Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4012ASH Datasheet HTML 1Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 2Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 3Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 4Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 5Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 6Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 7Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 8Page - Active-Semi, Inc ACT4012ASH Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
FEATURES
• 1.5A Output Current
• Up to 94% Efficiency
• Up to 20V Input Range
• 10µA Shutdown Supply Current
• 420kHz Switching Frequency
• Adjustable Output Voltage
• Cycle-by-Cycle Current Limit Protection
• Thermal Shutdown Protection
• Frequency Foldback at Short Circuit
• Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
• SOP-8 Package
APPLICATIONS
• TFT LCD Monitors
• Portable DVDs
• Car-Powered or Battery-Powered Equipments
• S-Top Boxes
• Telecom Power Supplies
• DSL and Cable Modems and Routers
• Termination Supplies
GENERAL DESCRIPTION
The ACT4012A is a current-mode step-down
DC/DC converter that generates up to 1.5A output
420kHz switching frequency. The device utilizes
Active-Semi’s proprietary ISOBCD20 process for
operation with input voltages up to 20V.
Consuming only 10µA in shutdown mode, the
ACT4012A is highly efficient with peak efficiency at
94% when in operation. Protection features include
cycle-by-cycle current limit, thermal shutdown, and
frequency foldback at short circuit.
The ACT4012A is available in a SOP-8 package
and requires very few external devices for opera-
tion.
TYPICAL APPLICATION CIRCUIT
ACT4012A
Rev0, 16-May-08
Wide Input 1.5A Step Down Converter
ACT4012A
BS
IN
EN
COMP
FB
SW
G
ENABLE
12V
+
5V/1.5A
VIN


Similar Part No. - ACT4012ASH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH-T ACTIVE-SEMI-ACT4012ASH-T Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
More results

Similar Description - ACT4012ASH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com