Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6391 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT6391
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6391 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT6391 Datasheet HTML 3Page - Active-Semi, Inc ACT6391 Datasheet HTML 4Page - Active-Semi, Inc ACT6391 Datasheet HTML 5Page - Active-Semi, Inc ACT6391 Datasheet HTML 6Page - Active-Semi, Inc ACT6391 Datasheet HTML 7Page - Active-Semi, Inc ACT6391 Datasheet HTML 8Page - Active-Semi, Inc ACT6391 Datasheet HTML 9Page - Active-Semi, Inc ACT6391 Datasheet HTML 10Page - Active-Semi, Inc ACT6391 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACT6390/ACT6391
Rev0, 13-May-08
Innovative PowerTM
- 7 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
(28)
(25)
(18)
(27)
(17)
(19)
(20)
the cross-over frequency (unity gain-frequency)
should be less than one-fifth of the right-half-plane
zero fZ(RHP), and lower than one-fifteenth of switch-
ing frequency fsw.
Choose
, then calculate CCOMP:
Select RCOMP to meet the transient-droop require-
ments.
Where:
α is the transient droop percentage which can be
accepted, calculated by:
K: is defined in equation (4)
η: is the typical efficiency.
VFB: is the feedback voltage, 1.24V
GM: is the trans-conductance of the error amplifier.
The output capacitor is chosen to set the output
pole for canceling the RCOMP, CCOMP zero.
CCOMP2 is optional and can be used when the output
capacitor has significant ESR. The ESR will form a
zero as follows:
If this zero occurs at a higher frequency than the
cross-over frequency, it can be ignored. Otherwise,
it should be canceled with the pole set by capacitor
CCOMP2,
If the value of CCOMP2 calculated by (23) is smaller
than 10pF, CCOMP2 can be omitted.
For example:
Choose CCOMP = 6.8nF
Assume that 200mV of transient droop can be
accepted:
Choose RCOMP = 180kΩ
COUT can be chosen to be either 22µF or 33µF,
choose 33µF to reduce droop.
If a ceramic capacitor is used with an assumed
ESR of 20mΩ,
fZ(ESR) > fC
Since the zero frequency is greater than the pole
frequency ,CCOMP2 can be omitted.
If a tantalum capacitor is used, whose ESR is about
0.5Ω,
()
L
π
V
2
R
V
f
2
OUT
LOAD
2
IN
RHP
Z
×
×
×
=
()
C
CS
M
LOAD
2
OUT
FB
IN
C
M
CS
LOAD
OUT
FB
COMP
f
π
2
R
G
R
V
V
V
D
1
f
π
2
G
R
R
V
V
C
×
×
×
×
=
−
×
×
=
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
×
×
=
×
×
×
2
K
1
η
V
I
V
R
R
G
V
α
IN
OUT
OUT
CS
COMP
M
FB
η
V
G
V
α
2
K
1
I
V
R
R
IN
M
FB
OUT
OUT
CS
COMP
×
×
×
×
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
=
OUT
OUT
V
V
∆
α
=
LOAD
COMP
COMP
OUT
R
C
R
C
×
=
()
OUT
ESR
ESR
Z
C
R
π
2
1
f
×
×
=
COMP
ESR
OUT
2
COMP
R
R
C
C
×
=
()
()
()
kHz
8
.
57
H
µ
10
π
V
12
2
mA
250
V
12
V
3
.
3
f
2
2
RHP
Z
≈
×
×
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
Choose
()
kHz
56
.
11
f
5
1
f
RHP
Z
C
=
=
()
nF
26
.
6
kHz
56
.
11
π
2
S
µ
150
Ω
45
.
0
Ω
48
V
12
V
24
.
1
V
3
.
3
C
2
COMP
=
×
×
×
×
=
60
1
V
12
mV
200
α
=
=
Ω
k
3
.
186
85
.
0
V
3
.
3
S
µ
150
V
24
.
1
60
1
2
4
.
0
1
mA
250
V
12
Ω
45
.
0
R
COMP
=
×
×
×
×
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
=
F
µ
5
.
25
A
25
.
0
V
12
nF
8
.
6
Ω
k
180
R
C
R
C
LOAD
COMP
COMP
OUT
=
⎟
⎠
⎞
⎜
⎝
⎛
×
=
×
=
(30)
()
kHz
241
Ω
m
20
F
µ
33
π
2
1
f
ESR
Z
=
×
×
=
(21)
(22)
(23)
(24)
(26)
(29)
()
RHP
Z
C
f
5
1
f
=
(16)
Ω
k
233
nF
8
.
6
F
µ
33
Ω
48
C
C
R
R
COMP
OUT
LOAD
COMP
=
×
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com