Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6391 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT6391
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6391 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT6391 Datasheet HTML 3Page - Active-Semi, Inc ACT6391 Datasheet HTML 4Page - Active-Semi, Inc ACT6391 Datasheet HTML 5Page - Active-Semi, Inc ACT6391 Datasheet HTML 6Page - Active-Semi, Inc ACT6391 Datasheet HTML 7Page - Active-Semi, Inc ACT6391 Datasheet HTML 8Page - Active-Semi, Inc ACT6391 Datasheet HTML 9Page - Active-Semi, Inc ACT6391 Datasheet HTML 10Page - Active-Semi, Inc ACT6391 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACT6390/ACT6391
Rev0, 13-May-08
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = VEN = 3.3V, FREQ = G, TA = 25°C, unless otherwise specified.)
ACT6390 Efficiency vs. Output Current
Output Current (mA)
0
Output Current (mA)
ACT6390 Efficiency vs. Output Current
0
ACT6390 Efficiency vs. Output Current
Output Current (mA)
ACT6390 No Load Supply Current vs. VIN
VIN (V)
10
100
1000
0.20
0.24
0.28
0.32
0.36
0.40
0
2.5
3
3.5
4
5
5.5
90
95
10
100
1000
10
100
1000
4.5
ACT6390 Maximum Output Current vs. Input Voltage
Input Voltage (V)
0
200
2.5
3.1
3.7
4.9
5.5
4.3
600
1000
1400
1800
2200
VOUT = 5V
VOUT = 12V
VOUT = 9V
85
80
70
75
65
60
55
50
90
95
85
80
70
75
65
60
55
50
VIN = 3.3V
VOUT = 5V
VIN = 5V
VOUT = 12V
FREQ = IN
L = 2.7µH
FREQ = G
L = 5.4µH
VIN = 3.3V
VOUT = 12V
90
95
85
80
70
75
65
60
55
50
FREQ = IN
L = 5.4µH
FREQ = G
L = 10µH
FREQ = G
L = 10µH
FREQ = IN
L = 5.4µH
FREQ = G
FREQ = G
L = 10µH
FREQ = IN
L = 5.4µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com