Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2HEYC Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPCI2HEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2HEYC Datasheet(HTML) 2 Page - STMicroelectronics

  STPCI2HEYC Datasheet HTML 1Page - STMicroelectronics STPCI2HEYC Datasheet HTML 2Page - STMicroelectronics STPCI2HEYC Datasheet HTML 3Page - STMicroelectronics STPCI2HEYC Datasheet HTML 4Page - STMicroelectronics STPCI2HEYC Datasheet HTML 5Page - STMicroelectronics STPCI2HEYC Datasheet HTML 6Page - STMicroelectronics STPCI2HEYC Datasheet HTML 7Page - STMicroelectronics STPCI2HEYC Datasheet HTML 8Page - STMicroelectronics STPCI2HEYC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
STPC
® ATLAS
2/111
Issue 1.0 - July 24, 2002
DESCRIPTION
The STPC Atlas integrates a standard 5th
generation x86 core along with a powerful UMA
graphics/video chipset, support logic including
PCI, ISA, Local Bus, USB, EIDE controllers and
combines them with standard I/O interfaces to
provide a single PC compatible subsystem on a
single device, suitable for all kinds of terminal and
industrial appliances.
s
X86 Processor core
s
Fully static 32-bit 5-stage pipeline, x86
processor fully PC compatible.
s
Can access up to 4GB of external memory.
s
8Kbyte unified instruction and data cache
with write back and write through capability.
s
Parallel processing integral floating point unit,
with automatic power down.
s
Runs up to 133 MHz (X2).
s
Fully static design for dynamic clock control.
s
Low power and system management modes.
s
Optimized design for 2.5V operation.
s
SDRAM Controller
s
64-bit data bus.
s
Up to 90MHz SDRAM clock speed.
s
Integrated system memory, graphic frame
memory and video frame memory.
s
Supports 8MB up to 128 MB system memory.
s
Supports 16-Mbit, 64-Mbit and 128-Mbit
SDRAMs.
s
Supports 8, 16, 32, 64, and 128 MB DIMMs.
s
Supports buffered, non buffered, and
registered DIMMs
s
4-line write buffers for CPU to DRAM and PCI
to DRAM cycles.
s
4-line read prefetch buffers for PCI masters.
s
Programmable latency
s
Programmable timing for SDRAM
parameters.
s
Supports -8, -10, -12, -13, -15 memory parts
s
Supports memory hole between 1MB and
8MB for PCI/ISA busses.
s
32-bit access, Autoprecharge & Power-down
are not supported.
s
Enhanced 2D Graphics Controller
s
Supports pixel depths of 8, 16, 24 and 32 bit.
s
Full BitBLT implementation for all 256 raster
operations defined for Windows.
s
Supports 4 transparent BLT modes - Bitmap
Transparency, Pattern Transparency, Source
Transparency and Destination Transparency.
s
Hardware clipping
s
Fast line draw engine with anti-aliasing.
s
Supports 4-bit alpha blended font for anti-
aliased text display.
s
Complete double buffered registers for
pipelined operation.
s
64-bit wide pipelined architecture running at
90 MHz. Hardware clipping
s
CRT Controller
s
Integrated 135MHz triple RAMDAC allowing
for 1280 x 1024 x 75Hz display.
s
8-, 16-, 24-bit pixels.
s
Interlaced or non-interlaced output.
s
Video Input port
s
Accepts video inputs in CCIR 601/656 mode.
s
Optional 2:1 decimator
s
Stores captured video in off setting area of
the onboard frame buffer.
s
HSYNC and B/T generation or lock onto
external video timing source.
s
Video Pipeline
s
Two-tap interpolative horizontal filter.
s
Two-tap interpolative vertical filter.
s
Color space conversion (RGB to YUV and
YUV to RGB).
s
Programmable window size.
s
Chroma and color keying for integrated video
overlay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com