Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2HEYC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPCI2HEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2HEYC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPCI2HEYC Datasheet HTML 31Page - STMicroelectronics STPCI2HEYC Datasheet HTML 32Page - STMicroelectronics STPCI2HEYC Datasheet HTML 33Page - STMicroelectronics STPCI2HEYC Datasheet HTML 34Page - STMicroelectronics STPCI2HEYC Datasheet HTML 35Page - STMicroelectronics STPCI2HEYC Datasheet HTML 36Page - STMicroelectronics STPCI2HEYC Datasheet HTML 37Page - STMicroelectronics STPCI2HEYC Datasheet HTML 38Page - STMicroelectronics STPCI2HEYC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
STRAP OPTION
Issue 1.0 - July 24, 2002
35/111
3.1. STRAP OPTION REGISTER DESCRIPTION
3.1.1. STRAP REGISTER 0
This register is read only.
STRAP0
Access = 0022h/0023h
Regoffset =04Ah
76
543210
MD[7]
MD[6]
MD[9]
MD[8]
RSV
MD[5]
MD[4]
MD[17]
This register defaults to the values sampled on the MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
MD[7:6]
PCICLK PLL set-up: The value sampled on MD[7:6] controls the PCICLK
PLL programming according to the PCICLK frequency.
MD7 MD6
0
0
PCICLK frequency between 16 & 32 MHz
0
1
PCICLK frequency between 32 & 64 MHz
1
X
Reserved
Bits 5-4
MD[9:8]
Mode selection:
MD9 MD8
0
0 ISA mode: ISA enabled, PCMCIA & Local Bus disabled
0
1 PCMCIA mode: PCMCIA enabled, ISA & Local Bus disabled
1
0 Local Bus mode: Local Bus enabled, ISA & PCMCIA disabled
1
1 Reserved
Bit 3
Rsv
Reserved
Bit 2
MD[5]
Host Memory synchronization. This bit reflects the value sampled on
[MD5] and controls the MCLK/HCLK synchronization.
0: MCLK and HCLK not synchronized
1: MCLK and HCLK synchronized.
Bits 1-0
MD[4], MD[17]
PCICLK division: These bits reflect the values sampled on [MD4] and
MD[17] to select the PCICLK frequency.
MD4 MD17
0
X
PCI Clock output = HCLK / 4
1
0
PCI Clock output = HCLK / 3
1
1
PCI Clock output = HCLK / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com