Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GDYC Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPC12GDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GDYC Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPC12GDYC Datasheet HTML 24Page - STMicroelectronics STPC12GDYC Datasheet HTML 25Page - STMicroelectronics STPC12GDYC Datasheet HTML 26Page - STMicroelectronics STPC12GDYC Datasheet HTML 27Page - STMicroelectronics STPC12GDYC Datasheet HTML 28Page - STMicroelectronics STPC12GDYC Datasheet HTML 29Page - STMicroelectronics STPC12GDYC Datasheet HTML 30Page - STMicroelectronics STPC12GDYC Datasheet HTML 31Page - STMicroelectronics STPC12GDYC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
PIN DESCRIPTION
28/111
Issue 1.0 - July 24, 2002
FCS_0L#, FCS1#, FCS_1H#, FCS_1L#
High
PWR#, IOCS#[7:0]
High
IDE CONTROLLER
DD[15:0]
0xFF
DA[2:0]
Unknown
Low
PCS1, PCS3, SCS1, SCS3
Unknown
Low
PDACK#, SDACK#
High
PDIOR#, PDIOW#, SDIOR#, SDIOW#
High
VGA CONTROLLER
RED, GREEN, BLUE
Black
VSYNC, HSYNC
Low
COL_SEL
Unknown
I2C INTERFACE
SCL / DDC[1]
Input
SDA / DDC[0]
Input
TFT INTERFACE
TFT[R,G,B][5:0]
0x00,0x00,0x00
TFTLINE, TFTFRAME
Low
TFTDE, TFTENVDD, TFTENVCC, TFTPWM Low
TFTDCLK
Oscillating at DCLK speed
USB INTERFACE
USBDPLS[1:0]1
Low
USBDMNS[1:0]1
High
POWERON1
Unknown
Low
SERIAL CONTROLLER
TXD0, RTS0#, DTR0#
High
TXD1, RTS1#, DTR1#
High
KEYBOARD & MOUSE INTERFACE
KBCLK, MCLK
Low
KBDATA, MDATA
Input
PARALLEL PORT
PDIR#, INIT#
Low
STROBE#, AUTOFD#
High
SLCTIN#
Unknown
Low
PPD[7:0]
Unknown
0x00
GPIO SIGNALS
GPIO[15:0]
High
JTAG
TDO
High
MISCELLANEOUS
SPKRD
Low
Table 2-5. Signal value on Reset
Signal Name
SYSRSTI# active
SYSRSTI# inactive
SYSRSTO# active
release of SYSRSTO#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com