Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC12GDYC Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPC12GDYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC12GDYC Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPC12GDYC Datasheet HTML 33Page - STMicroelectronics STPC12GDYC Datasheet HTML 34Page - STMicroelectronics STPC12GDYC Datasheet HTML 35Page - STMicroelectronics STPC12GDYC Datasheet HTML 36Page - STMicroelectronics STPC12GDYC Datasheet HTML 37Page - STMicroelectronics STPC12GDYC Datasheet HTML 38Page - STMicroelectronics STPC12GDYC Datasheet HTML 39Page - STMicroelectronics STPC12GDYC Datasheet HTML 40Page - STMicroelectronics STPC12GDYC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
STRAP OPTION
Issue 1.0 - July 24, 2002
37/111
3.1.3. HCLK PLL STRAP REGISTER
This register is read only.
HCLK_STRAP0
Access = 0022h/0023h
Regoffset =05Fh
76543210
RSV
MD[26]
MD[25]
MD[24]
RSV
This register defaults to the values sampled on the MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
Rsv
These bits are fixed to ‘0’
Bits 5-3
MD[26:24]
These pins reflect the values sampled on MD[26:24] pins respectively
and control the Host clock frequency synthesizer as shown in Table 3-1
Bits 2-0
Rsv
Reserved
Table 3-1. HCLK Frequency Configuration
MD[3]
MD[2]
MD[26]
MD[25]
MD[24]
HCLK Speed
00
000
25 MHz
00
001
50 MHz
00
010
60 MHz
00
011
66 MHz
All other settings are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com