Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBC Datasheet(PDF) 68 Page - STMicroelectronics

Part # STPC4HDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STPC4HDBC Datasheet HTML 64Page - STMicroelectronics STPC4HDBC Datasheet HTML 65Page - STMicroelectronics STPC4HDBC Datasheet HTML 66Page - STMicroelectronics STPC4HDBC Datasheet HTML 67Page - STMicroelectronics STPC4HDBC Datasheet HTML 68Page - STMicroelectronics STPC4HDBC Datasheet HTML 69Page - STMicroelectronics STPC4HDBC Datasheet HTML 70Page - STMicroelectronics STPC4HDBC Datasheet HTML 71Page - STMicroelectronics STPC4HDBC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
DESIGN GUIDELINES
68/93
Release 1.5 - January 29, 2002
For other implementations like 32-bit SDRAM
devices, refers to the SDRAM controller signal
multiplexing and address mapping described in
the following Table 6-4 and Table 6-5.
6.3.4. PCI BUS
The PCI bus is always active and the following
control signals must be pulled-up to 3.3V or 5V
through 2K2 resistors even if this bus is not
connected to an external device: FRAME#,
TRDY#, IRDY#, STOP#, DEVSEL#, LOCK#,
SERR#, PCI_REQ#[2:0].
PCI_CLKO must be connected to PCI_CLKI
through a 10 to 33 Ohms resistor. Figure 6-7
shows a typical implementation.
For more information on layout constraints, go to
the place and route recommendations section.
Table 6-4. DIMM Pinout
SDRAM Density
16 Mbit
64/128 Mbit
64/128 Mbit
STPC I/F
Internal Banks
2 Banks
2 Banks
4 Banks
DIMM Pin Number
...
MA[10:0]
MA[10:0]
MA[10:0]
MA[10:0]
123
-
MA11
MA11
CS2# (MA11)
126
-
MA12
-
CS3# (MA12)
39
-
-
BA1 (MA12)
CS3# (BA1)
122
BA0 (MA11)
BA0 (MA13)
BA0 (MA13)
BA0
Table 6-5. Address Mapping
Address Mapping: 16 Mbit - 2 internal banks
STPC I/F
BA0
MA10 MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
RAS Address
A11
A22
A21
A2
A19
A18
A17
A16
A15
A14
A13
A12
CAS Address
A11
0
A24
A23
A10
A9
A8
A7
A6
A5
A4
A3
Address Mapping: 64/128 Mbit - 2 internal banks
STPC I/F
BA0
MA12 MA11 MA10 MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
RAS Address
A11
A24
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
CAS Address
A11
0
0
0
A26
A25
A10
A9A8A7A6A5A4A3
Address Mapping: 64/128 Mbit - 4 internal banks
STPC I/F
BA0
BA1
MA11 MA10 MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
RAS Address
A11
A12
A24
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
CAS Address
A11
A12
0
0
A26
A25
A10
A9
A8
A7
A6
A5
A4
A3
Figure 6-7. Typical PCI clock routing
PCICLKI
PCICLKO
PCICLKA
PCICLKB
PCICLKC
0 - 22
10 - 33
Device A
Device B
Device C
0 - 33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com