Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HDBC Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPC4HDBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HDBC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPC4HDBC Datasheet HTML 13Page - STMicroelectronics STPC4HDBC Datasheet HTML 14Page - STMicroelectronics STPC4HDBC Datasheet HTML 15Page - STMicroelectronics STPC4HDBC Datasheet HTML 16Page - STMicroelectronics STPC4HDBC Datasheet HTML 17Page - STMicroelectronics STPC4HDBC Datasheet HTML 18Page - STMicroelectronics STPC4HDBC Datasheet HTML 19Page - STMicroelectronics STPC4HDBC Datasheet HTML 20Page - STMicroelectronics STPC4HDBC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
17/93
PCI_CLKO 33 MHz PCI Output Clock. This is the
master PCI bus clock output.
AD[31:0] PCI Address/Data. This is the 32-bit
multiplexed address and data bus of the PCI. This
bus is driven by the master during the address
phase and the data phase of write transactions. It
is driven by the target during the data phase of
read transactions.
CBE#[3:0]
Bus Commands/Byte Enables. These
are the multiplexed command and byte enable
signals of the PCI bus. During the address phase
they define the command and during the data
phase they carry the byte enable information.
These pins are inputs when a PCI master other
than the STPC Consumer-II owns the bus and
outputs when the STPC Consumer-II owns the
bus.
FRAME#
Cycle Frame. This is the frame signal of
the PCI bus. It is an input when a PCI master owns
the bus and is an output when STPC Consumer-II
owns the PCI bus.
IRDY# Initiator Ready. This is the initiator ready
signal of the PCI bus. It is used as an output when
the STPC Consumer-II initiates a bus cycle on the
PCI bus. It is used as an input during the PCI
cycles targeted to the STPC Consumer-II to
determine when the current PCI master is ready to
complete the current transaction.
TRDY#
Target Ready. This is the target ready
signal of the PCI bus. It is driven as an output
when the STPC Consumer-II is the target of the
current bus transaction. It is used as an input
when STPC Consumer-II initiates a cycle on the
PCI bus.
LOCK#
PCI Lock. This is the lock signal of the PCI
bus and is used to implement the exclusive bus
operations when acting as a PCI target agent.
DEVSEL# I/O Device Select. This signal is used
as an input when the STPC Consumer-II initiates
a bus cycle on the PCI bus to determine if a PCI
slave device has decoded itself to be the target of
the current transaction. It is asserted as an output,
either when the STPC Consumer-II is the target of
the current PCI transaction, or when no other
device asserts DEVSEL# prior to the subtractive
decode phase of the current PCI transaction.
STOP#
Stop Transaction. Stop is used to
implement the disconnect, retry and abort protocol
of the PCI bus. It is used as an input for the bus
cycles initiated by the STPC Consumer-II and is
used as an output when a PCI master cycle is
targeted to the STPC Consumer-II.
PAR
Parity Signal Transactions. This is the parity
signal of the PCI bus. This signal is used to
guarantee
even
parity
across
AD[31:0],
CBE#[3:0], and PAR. This signal is driven by the
master during the address phase and data phase
of write transactions. It is driven by the target
during data phase of read transactions (its
assertion is identical to that of the AD bus delayed
by one PCI clock cycle).
SERR#
System Error. This is the system error
signal of the PCI bus. It may, if enabled, be
asserted for one PCI clock cycle if target aborts a
STPC Consumer-II initiated PCI transaction. Its
assertion by either the STPC Consumer-II or by
another PCI bus agent will trigger the assertion of
NMI to the host CPU. This is an open drain output.
PCIREQ#[2:0]
PCI Request. These are the three
external PCI master request pins. They indicates
to the PCI arbiter that external agents desire use
of the bus.
PCIGNT#[2:0] PCI Grant. These pins indicate that
the PCI bus has been granted to the master
requesting it on its PCIREQ#.
PCI_INT#[3:0] PCI Interrupt Request. These are
the PCI bus interrupt signals.
2.2.4. ISA INTERFACE
ISA_CLK, ISA_CLKX2 ISA Clock x1, x2. These
pins generate the Clock signal for the ISA bus and
a Doubled Clock signal. They are also used as the
multiplexer control lines for the Interrupt Controller
Interrupt input lines. ISA_CLK is generated from
either PCICLK/4 or OSC14M/ 2.
OSC14M
ISA bus synchronisation clock Output.
This is the buffered 14.318 MHz clock for the ISA
bus.
LA[23:17] Unlatched Address. When the ISA bus
is active, these pins are ISA Bus unlatched
address for 16-bit devices. When ISA bus is
accessed by any cycle initiated from PCI bus,
these pins are in output mode. When an ISA bus
master owns the bus, these pins are in input
mode.
SA[19:0]
ISA Address Bus. System address bus
of ISA on 8-bit slot. These pins are used as an
input when an ISA bus master owns the bus and
are outputs at all other times.
SD[15:0] I/O Data Bus. These pins are the
external data bus to the ISA bus.
ALE Address Latch Enable. This is the address
latch enable output of the ISA bus and is asserted
by the STPC Consumer-II to indicate that LA23-
17, SA19-0, AEN and SBHE# signals are valid.
The ALE is driven high during refresh, DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com