Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC4HEBC Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPC4HEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4HEBC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPC4HEBC Datasheet HTML 21Page - STMicroelectronics STPC4HEBC Datasheet HTML 22Page - STMicroelectronics STPC4HEBC Datasheet HTML 23Page - STMicroelectronics STPC4HEBC Datasheet HTML 24Page - STMicroelectronics STPC4HEBC Datasheet HTML 25Page - STMicroelectronics STPC4HEBC Datasheet HTML 26Page - STMicroelectronics STPC4HEBC Datasheet HTML 27Page - STMicroelectronics STPC4HEBC Datasheet HTML 28Page - STMicroelectronics STPC4HEBC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
PIN DESCRIPTION
Release 1.5 - January 29, 2002
25/93
D7
SERR#
A6
LOCK#
D20
PCI_REQ#[0]
C21
PCI_REQ#[1]
A21
PCI_REQ#[2]
C22
PCI_GNT#[0]
A22
PCI_GNT#[1]
B21
PCI_GNT#[2]
A5
PCI_INT#[0]
C6
PCI_INT#[1]
B4
PCI_INT#[2]
D5
PCI_INT#[3]
F2
LA[17]/DA[0[
G4
LA[18]/DA[1]
F3
LA[19]/DA[2]
F1
LA[20]/PCS1#
G2
LA[21]/PCS3#
G1
LA[22]/SCS1#
H2
LA[23]/SCS3#
J4
SA[0]
H1
SA[1]
H3
SA[2]
J2
SA[3]
J1
SA[4]
K2
SA[5]
J3
SA[6]
K1
SA[7]
K4
SA[8]
L2
SA[9]
K3
SA[10]
L1
SA[11]
M2
SA[12]
M1
SA[13]
L3
SA[14]
N2
SA[15]
M4
SA[16]
M3
SA[17]
P2
SA[18]
P4
SA[19]
K25
SD[0]
L24
SD[1]
K26
SD[2]
K23
SD[3]
J25
SD[4]
K24
SD[5]
J26
SD[6]
H25
SD[7]
H26
SD[8]
Pin #
Pin name
J24
SD[9]
G25
SD[10]
H23
SD[11]
D24
SD[12]
C26
SD[13]
A25
SD[14]
B24
SD[15]
AD4
ISA_CLK
AF4
ISA_CLK2X
C9
OSC14M
P25
ALE
AE8
ZWS#
R23
BHE#
P26
MEMR#
R24
MEMW#
N25
SMEMR#
N23
SMEMW#
N26
IOR#
P24
IOW#
N24
MCS16#
M26
IOCS16#
M25
MASTER#
L25
REF#
M24
AEN
L26
IOCHCK#
T24
IOCHRDY
M23
ISAOE#
A4
RTCAS
P3
RTCDS#
R2
RTCRW#
P1
RMRTCCS#
AE3
GPIOCS#
G26
PA[22]3
A20
PA[23]3
B1
PIRQ
C2
SIRQ
C1
PDRQ
D2
SDRQ
D3
PDACK#
D1
SDACK#
E2
PDIOR#
E4
PDIOW#
E3
SDIOR#
E1
SDIOW#
E23
IRQ_MUX[0]
D26
IRQ_MUX[1]
Pin #
Pin name
E24
IRQ_MUX[2]
C25
IRQ_MUX[3]
A24
DREQ_MUX[0]
B23
DREQ_MUX[1]
C23
DACK_ENC[0]
A23
DACK_ENC[1]
B22
DACK_ENC[2]
D22
TC
N3
KBCS#
AF9
RED
AE9
GREEN
AD8
BLUE
AC5
VSYNC
AE5
HSYNC
AC10
VREF_DAC
AE10
RSET
AD7
COMP
AE15
VCLK
AD5
VIN[0]
AF7
VIN[1]
AF5
VIN[2]
AE6
VIN[3]
AC7
VIN[4]
AD6
VIN[5]
AF6
VIN[6]
AE7
VIN[7]
AD10
RED_TV
AF11
GREEN_TV
AE12
BLUE_TV
AE13
VCS
AC12
ODD_EVEN
AF14
CVBS
AE11
IREF1_TV
AF12
VREF1_TV
AE14
IREF2_TV
AC14
VREF2_TV
C5
SPKRD
B5
SCL
C7
SDA
B3
SCAN_ENABLE
C15
COL_SEL
G3
TCLK
N1
TMS
W1
TDI
Pin #
Pin name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com